전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

58286 데이터시트(PDF) 23 Page - ITT Industries

부품명 58286
상세설명  Miniature circular connectors
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ITT [ITT Industries]
홈페이지  http://www.ittcannon.com
Logo ITT - ITT Industries

58286 데이터시트(HTML) 23 Page - ITT Industries

Back Button 58286 Datasheet HTML 19Page - ITT Industries 58286 Datasheet HTML 20Page - ITT Industries 58286 Datasheet HTML 21Page - ITT Industries 58286 Datasheet HTML 22Page - ITT Industries 58286 Datasheet HTML 23Page - ITT Industries 58286 Datasheet HTML 24Page - ITT Industries 58286 Datasheet HTML 25Page - ITT Industries 58286 Datasheet HTML 26Page - ITT Industries 58286 Datasheet HTML 27Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
23
KPT/KPSE
Miniature circular connectors
Box mounting receptacle
KPT 2* P/S** .***
Jam nut receptacle
KPT 7* P/S** .***
Shell
A
K
L
M
N
R
S
Ø T
size
+0,03 -0,13
±0,25
max.
±0,15
max.
±0,15
max.
±0,15
8
12,00
13,50
21,1
11,60
11,10
15,10
21,00
3,05
10
15,00
13,50
21,1
11,60
14,30
18,30
24,20
3,05
12
19,05
13,50
21,1
11,60
17,50
20,60
26,60
3,05
14
22,23
13,50
21,1
11,60
20,60
23,00
29,00
3,05
16
25,40
13,50
21,1
11,60
23,80
24,60
31,30
3,05
18
28,58
13,50
21,1
11,60
27,00
27,00
33,70
3,05
20
31,75
16,50
22,7
14,25
30,20
29,40
36,90
3,05
22
34,93
16,50
22,7
14,25
33,40
31,70
40,10
3,05
24
38,10
17,30
22,7
15,10
36,50
34,90
43,30
3,75
Order ref. see page 22
Shell
A
F
H
K
M
R
S
Panel thickness
Y
size*
+0,03 -0,13
±0,15
±0,15
±0,25
±0,15
Thread Type 2 A
±0,5
min.
max.
8
12,00
13,3
19,0
3,2
17,7
9/16-24UNEF
24,0
1,6
28,0
10
15,00
16,5
22,2
3,2
17,7
11/16-24UNEF
27,0
1,6
31,0
12
19,05
20,6
27,0
3,2
17,7
7/8-20UNEF
32,0
1,6
36,0
14
22,23
23,8
30,2
3,2
17,7
1- 20UNEF
35,0
1,6
39,0
16
25,40
26,9
33,3
3,2
17,7
1- 1/8-18UNEF
38,5
1,6
42,0
18
28,58
30,1
36,5
3,2
17,7
1- 1/4-18UNEF
41,5
1,6
45,0
20
31,75
33,3
39,7
4,0
22,5
1- 3/8-18UNEF
46,0
1,6
50,0
22
34,93
36,5
42,9
4,0
22,5
1- 1/2-18UNEF
49,5
1,6
55,0
24
38,10
39,6
46,0
4,0
23,3
1- 5/8-18UNEF
52,5
1,6
57,0
Order ref. see page 22


유사한 부품 번호 - 58286

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
58284--1 TEC-58284--1 Datasheet
235Kb / 17P
Application Tooling for Screw-Machine Contacts
More results

유사한 설명 - 58286

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
KPSE06F12-10P ETC2-KPSE06F12-10P Datasheet
326Kb / 31P
Miniature circular connectors
logo
Lumberg
MJ-372 LUMBERG-MJ-372 Datasheet
561Kb / 3P
Miniature circular connectors
TM0508A LUMBERG-TM0508A Datasheet
407Kb / 4P
Miniature circular connectors
MP-371 LUMBERG-MP-371 Datasheet
570Kb / 3P
Miniature circular connectors
logo
Hirose Electric
HR10 HIROSE-HR10 Datasheet
1Mb / 21P
High performance miniature circular connectors
HR12 HIROSE-HR12 Datasheet
2Mb / 16P
High Performance Miniature Circular Connectors
HR25A HIROSE-HR25A Datasheet
714Kb / 8P
Miniature Push-Pull Circular Connectors
logo
List of Unclassifed Man...
R03 ETC2-R03 Datasheet
616Kb / 2P
Miniature Circular Connectors
ER03 ETC-ER03 Datasheet
1Mb / 8P
Miniature Circular Connectors
logo
Hosiden Corporation
TCS-SERIES HOSIDEN-TCS-SERIES Datasheet
14Mb / 40P
Miniature Circular Connectors
2016. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com