전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

58286 데이터시트(PDF) 25 Page - ITT Industries

부품명 58286
상세설명  Miniature circular connectors
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ITT [ITT Industries]
홈페이지  http://www.ittcannon.com
Logo ITT - ITT Industries

58286 데이터시트(HTML) 25 Page - ITT Industries

Back Button 58286 Datasheet HTML 21Page - ITT Industries 58286 Datasheet HTML 22Page - ITT Industries 58286 Datasheet HTML 23Page - ITT Industries 58286 Datasheet HTML 24Page - ITT Industries 58286 Datasheet HTML 25Page - ITT Industries 58286 Datasheet HTML 26Page - ITT Industries 58286 Datasheet HTML 27Page - ITT Industries 58286 Datasheet HTML 28Page - ITT Industries 58286 Datasheet HTML 29Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
25
KPT/KPSE
Miniature circular connectors
Shell size
A
K
M
R
S
Ø T
+0,03 -0,13
±0,4
±0,15
±0,15
max.
±0,15
* 8 A
12,00
1,6
12,1
15,1
21,0
3,05
* 10 A
15,00
1,6
12,1
18,3
24,2
3,05
* 12 A
19,05
1,6
12,1
20,6
26,6
3,05
* 14 A
22,23
1,6
12,1
23,0
29,0
3,05
* 16 A
25,40
1,6
12,1
24,6
31,3
3,05
* 18 A
28,58
1,6
12,1
27,0
33,7
3,05
* 20 A
31,75
2,4
14,5
29,4
36,9
3,05
* 22 A
34,93
2,4
14,5
31,8
40,1
3,05
* 24 A
38,10
2,4
15,4
34,9
43,3
3,75
* Add KPT 15 or MS 3115 prefixes
Dummy receptacles
Series
Dummy receptacle
Shell size
Flange
A-Standard
KPT
15 -
8
A
MS
3115 -
10
A
How to order


유사한 부품 번호 - 58286

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
58284--1 TEC-58284--1 Datasheet
235Kb / 17P
Application Tooling for Screw-Machine Contacts
More results

유사한 설명 - 58286

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
KPSE06F12-10P ETC2-KPSE06F12-10P Datasheet
326Kb / 31P
Miniature circular connectors
logo
Lumberg
MJ-372 LUMBERG-MJ-372 Datasheet
561Kb / 3P
Miniature circular connectors
TM0508A LUMBERG-TM0508A Datasheet
407Kb / 4P
Miniature circular connectors
MP-371 LUMBERG-MP-371 Datasheet
570Kb / 3P
Miniature circular connectors
logo
Hirose Electric
HR10 HIROSE-HR10 Datasheet
1Mb / 21P
High performance miniature circular connectors
HR12 HIROSE-HR12 Datasheet
2Mb / 16P
High Performance Miniature Circular Connectors
HR25A HIROSE-HR25A Datasheet
714Kb / 8P
Miniature Push-Pull Circular Connectors
logo
List of Unclassifed Man...
R03 ETC2-R03 Datasheet
616Kb / 2P
Miniature Circular Connectors
ER03 ETC-ER03 Datasheet
1Mb / 8P
Miniature Circular Connectors
logo
Hosiden Corporation
TCS-SERIES HOSIDEN-TCS-SERIES Datasheet
14Mb / 40P
Miniature Circular Connectors
2016. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com