전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

58286 데이터시트(PDF) 14 Page - ITT Industries

부품명 58286
상세설명  Miniature circular connectors
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ITT [ITT Industries]
홈페이지  http://www.ittcannon.com
Logo ITT - ITT Industries

58286 데이터시트(HTML) 14 Page - ITT Industries

Back Button 58286 Datasheet HTML 10Page - ITT Industries 58286 Datasheet HTML 11Page - ITT Industries 58286 Datasheet HTML 12Page - ITT Industries 58286 Datasheet HTML 13Page - ITT Industries 58286 Datasheet HTML 14Page - ITT Industries 58286 Datasheet HTML 15Page - ITT Industries 58286 Datasheet HTML 16Page - ITT Industries 58286 Datasheet HTML 17Page - ITT Industries 58286 Datasheet HTML 18Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
KPT/KPSE
Miniature circular connectors
14
Subject to changes
Without termination assembly
KPT/KPSE
KPT
Shell
Ø A
K
L
M
Q
S
Ø Y
Z
size*
+0,03 -0,13
±0,25
max.
±0,15
Thread Type 2A
max.
max.
max.
x
8
12,00
13,5
21,5
11,6
7/16-28UNEF
18,5
21,0
12,3
10
15,00
13,5
21,5
11,6
9/16-24UNEF
23,0
24,2
12,3
12
19,05
13,5
21,5
11,6
11/16-24UNEF
29,0
26,6
12,3
14
22,23
13,5
21,5
11,6
13/16-20UNEF
29,5
29,0
12,3
16
25,40
13,5
21,5
11,6
15/16-20UNEF
32,0
31,3
12,3
18
28,58
13,5
21,5
11,6
1- 1/16-18UNEF
35,0
33,7
12,3
20
31,75
16,5
26,8
14,25
1- 3/16-18UNEF
38,5
36,9
10,8
22
34,93
16,5
26,8
14,25
1- 5/16-18UNEF
42,0
40,1
10,8
24
38,10
17,5
26,8
15,1
1- 7/16-18UNEF
46,0
43,3
10,0
Type E
Type P
Mod. DN or F 185
Shell
B
E
L
E
B
P
D
P
L
P
D2
L1
L2
size*
max.
max.
max.
min.
max.
-0,5
max.
±0,5
x
8
14,2
32,5
15,3
8,3
36,9
15,6
35,0
12,2
10
17,2
32,5
17,6
11,3
36,9
18,4
35,0
12,2
12
20,4
32,5
21,6
14,2
36,9
23,7
35,0
12,2
14
23,4
32,5
24,3
17,3
36,9
24,5
35,0
12,2
16
26,6
32,5
27,6
20,5
36,9
29,8
37,0
14,5
18
29,6
32,5
31,0
23,1
36,9
32,0
37,0
14,5
20
32,8
34,5
34,3
26,3
42,2
36,1
42,0
15,8
22
36,0
34,5
37,1
29,4
42,2
38,5
42,0
15,8
24
39,2
34,5
40,5
32,6
43,9
41,6
42,0
14,9
* See page 5, 7 and 8 for ordering number information
x
in series KPSE only contact arrangements 8-3A and 8-33 available
Type A
Type B or F
Type E
Type P
Mod. DN or F 185
With termination assemblies
Typ A
Type B and F
Shell
B
A
D
A
L
A
VB
BF
CD
BF
G
BF
H
BF
L
BF
size*
max.
min.
max.
Thread Type 2A
max.
Thread
min.
min.
max.
max.
x
8
15,0
8,5
38,0
1/2-28UNEF
14,0
6-32
6,0
2,9
19,3
46,0
10
18,2
11,8
38,0
5/8-24UNEF
17,2
6-32
7,5
4,5
20,8
46,0
12
21,2
15,0
38,0
3/4-20UNEF
20,4
6-32
10,7
7,7
24,4
46,0
14
24,6
17,9
38,0
7/8-20UNEF
23,6
6-32
13,9
9,3
27,2
46,0
16
27,7
21,1
38,0
1 -20UNEF
26,7
6-32
15,5
12,4
28,7
49,0
18
30,9
24,1
38,0
1-3/16-18UNEF
29,5
8-32
19,6
15,6
35,3
49,0
20
33,9
26,5
43,1
1-3/16-18UNEF
32,7
8-32
19,6
15,6
35,3
51,1
22
37,1
30,4
43,1
1-7/16-18UNEF
35,9
8-32
23,6
18,8
39,9
51,1
24
40,3
32,8
43,1
1-7/16-18UNEF
39,0
8-32
25,2
20,1
43,2
51,1
Cable connecting plugs
KPT01/MS3111 KPSE01/MS3121
Solder
KPT01/MS3111
Crimp
KPSE01/MS3121


유사한 부품 번호 - 58286

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
58284--1 TEC-58284--1 Datasheet
235Kb / 17P
Application Tooling for Screw-Machine Contacts
More results

유사한 설명 - 58286

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
KPSE06F12-10P ETC2-KPSE06F12-10P Datasheet
326Kb / 31P
Miniature circular connectors
logo
Lumberg
MJ-372 LUMBERG-MJ-372 Datasheet
561Kb / 3P
Miniature circular connectors
TM0508A LUMBERG-TM0508A Datasheet
407Kb / 4P
Miniature circular connectors
MP-371 LUMBERG-MP-371 Datasheet
570Kb / 3P
Miniature circular connectors
logo
Hirose Electric
HR10 HIROSE-HR10 Datasheet
1Mb / 21P
High performance miniature circular connectors
HR12 HIROSE-HR12 Datasheet
2Mb / 16P
High Performance Miniature Circular Connectors
HR25A HIROSE-HR25A Datasheet
714Kb / 8P
Miniature Push-Pull Circular Connectors
logo
List of Unclassifed Man...
R03 ETC2-R03 Datasheet
616Kb / 2P
Miniature Circular Connectors
ER03 ETC-ER03 Datasheet
1Mb / 8P
Miniature Circular Connectors
logo
Hosiden Corporation
TCS-SERIES HOSIDEN-TCS-SERIES Datasheet
14Mb / 40P
Miniature Circular Connectors
2016. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com