전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16F7XIPTQTP 데이터시트(PDF) 114 Page - Microchip Technology

부품명 PIC16F7XIPTQTP
상세설명  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F7XIPTQTP 데이터시트(HTML) 114 Page - Microchip Technology

Back Button PIC16F7XIPTQTP Datasheet HTML 110Page - Microchip Technology PIC16F7XIPTQTP Datasheet HTML 111Page - Microchip Technology PIC16F7XIPTQTP Datasheet HTML 112Page - Microchip Technology PIC16F7XIPTQTP Datasheet HTML 113Page - Microchip Technology PIC16F7XIPTQTP Datasheet HTML 114Page - Microchip Technology PIC16F7XIPTQTP Datasheet HTML 115Page - Microchip Technology PIC16F7XIPTQTP Datasheet HTML 116Page - Microchip Technology PIC16F7XIPTQTP Datasheet HTML 117Page - Microchip Technology PIC16F7XIPTQTP Datasheet HTML 118Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 174 page
background image
PIC16F7X
DS30325B-page 112
 2002 Microchip Technology Inc.
SWAPF
Swap Nibbles in f
Syntax:
[ label ] SWAPF f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(f<3:0>)
→ (destination<7:4>),
(f<7:4>)
→ (destination<3:0>)
Status Affected:
None
Description:
The upper and lower nibbles of
register ’f’ are exchanged. If ’d’ is
0, the result is placed in the W
register. If ’d’ is 1, the result is
placed in register ’f’.
XORLW
Exclusive OR Literal with W
Syntax:
[ label ]XORLW k
Operands:
0
≤ k ≤ 255
Operation:
(W) .XOR. k
→ (W)
Status Affected:
Z
Description:
The contents of the W register
are XOR’ed with the eight-bit
literal 'k'. The result is placed in
the W register.
XORWF
Exclusive OR W with f
Syntax:
[ label ] XORWF
f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(W) .XOR. (f)
→ (destination)
Status Affected:
Z
Description:
Exclusive OR the contents of the
W register with register 'f'. If 'd' is
0, the result is stored in the W
register. If 'd' is 1, the result is
stored back in register 'f'.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More