전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q6040J7TP 데이터시트(PDF) 2 Page - Littelfuse

부품명 Q6040J7TP
상세설명  Teccor짰 brand Thyristors 40 Amp Alternistor (High Commutation) Triacs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

Q6040J7TP 데이터시트(HTML) 2 Page - Littelfuse

  Q6040J7TP Datasheet HTML 1Page - Littelfuse Q6040J7TP Datasheet HTML 2Page - Littelfuse Q6040J7TP Datasheet HTML 3Page - Littelfuse Q6040J7TP Datasheet HTML 4Page - Littelfuse Q6040J7TP Datasheet HTML 5Page - Littelfuse Q6040J7TP Datasheet HTML 6Page - Littelfuse Q6040J7TP Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
148
Revised: June 24, 2011 04:57 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
40 Amp Alternistor (High Commutation) Triacs
Qxx40xx Series
Electrical Characteristics (T
J = 25°C, unless otherwise specified) — Alternistor Triac (3 Quadrants)
Symbol
Test Conditions
Quadrant
Value
Unit
Qxx40xH6
Qxx40K5
Qxx40x7
I
GT
V
D = 12V RL = 60 Ω
I – II – III
MAX.
80
50
100
mA
V
GT
I – II – III
MAX.
1.3
1.3
2.0
V
V
GD
V
D = VDRM RL = 3.3 kΩ TJ = 125°C
I – II – III
MIN.
0.2
V
I
H
I
T = 400mA
MAX.
80
75
100
mA
dv/dt
V
D = VDRM Gate Open TJ = 125°C
400V
MIN.
600
500
700
V/μs
600V
500
475
625
800V
475
400
575
V
D = VDRM Gate Open TJ = 100°C
1000V
- -
500
(dv/dt)c
(di/dt)c = 21.6 A/μs T
J = 125°C
MIN.
30
20
50
V/µs
t
gt
I
G = 2 x IGT PW = 15µs IT = 56.6A(pk)
TYP.
5
µs
Static Characteristics
Symbol
Test Conditions
Value
Unit
V
TM
I
TM = 56.6A tp = 380 µs
T
J = 25°C
MAX.
1.8
V
I
DRM
I
RRM
V
D = VDRM / VRRM
T
J = 25°C
400 –1000V
MAX.
20
μA
T
J = 125°C
400 – 800V
MAX.
5
mA
T
J = 100°C
1000V
MAX.
5
mA
Thermal Resistances
Symbol
Parameter
Value
Unit
R
θ(J-C)
Junction to case (AC)
Qxx40KH6
Qxx40K5
Qxx40K7
0.97
°C/W
Qxx40JH6
Qxx40J7
0.95
Note: xx = voltage
Absolute Maximum Ratings — Alternistor Triac (3 Quadrants)
Symbol
Parameter
Value
Unit
I
T(RMS)
RMS on-state current (full sine wave)
Qxx40x7
Qxx40xH6
T
C = 75°C
40
A
I
TSM
Non repetitive surge peak on-state current
(full cycle, T
J initial = 25°C)
f = 50 Hz
t = 20 ms
335
A
f = 60 Hz
t = 16.7 ms
400
I2t
I2t Value for fusing
t
p = 8.3 ms
664
A2s
di/dt
Critical rate of rise of on-state current
(I
G = 2 x IGT, tr ≤ 100 ns)
f = 120 Hz
T
J = 125°C
150
A/μs
I
GTM
Peak gate trigger current
t
p ≤ 10 μs IGT ≤ IGTM
T
J = 125°C
4
A
P
G(AV)
Average gate power dissipation
T
J = 125°C
0.8
W
T
stg
Storage temperature range
-40 to 150
°C
T
J
Operating junction temperature range
-40 to 125
°C
Note: xx = voltage, x = package


유사한 부품 번호 - Q6040J7TP

제조업체부품명데이터시트상세설명
logo
Teccor Electronics
Q6040J7 TECCOR-Q6040J7 Datasheet
536Kb / 7P
Alternistor Triacs?
logo
Littelfuse
Q6040J7 LITTELFUSE-Q6040J7 Datasheet
182Kb / 10P
Alternistor Triacs (6 A to 40 A)
logo
List of Unclassifed Man...
Q6040J7 ETC2-Q6040J7 Datasheet
188Kb / 10P
Alternistor Triacs
More results

유사한 설명 - Q6040J7TP

제조업체부품명데이터시트상세설명
logo
Littelfuse
K2201GRP LITTELFUSE-K2201GRP Datasheet
225Kb / 6P
Teccor짰 brand Thyristors
L0107NERP LITTELFUSE-L0107NERP Datasheet
1Mb / 8P
Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
L0107MTRP LITTELFUSE-L0107MTRP Datasheet
1Mb / 8P
Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
Q6040K7TP LITTELFUSE-Q6040K7TP Datasheet
741Kb / 7P
Teccor짰 brand Thyristors 40 Amp Alternistor (High Commutation) Triacs
Q6X3RP LITTELFUSE-Q6X3RP Datasheet
836Kb / 9P
Teccor짰 brand Thyristors 1 Amp Sensitive & Standard Triacs
L4004L3TP LITTELFUSE-L4004L3TP Datasheet
905Kb / 10P
Teccor짰 brand Thyristors 4 Amp Sensitive & Standard Triacs
Q4025N5RP LITTELFUSE-Q4025N5RP Datasheet
320Kb / 11P
25 Amp Standard & Alternistor (High Commutation) Triacs
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
S6S1RP LITTELFUSE-S6S1RP Datasheet
293Kb / 10P
Teccor짰 brand Thyristors
Q4025K6TP LITTELFUSE-Q4025K6TP Datasheet
1,005Kb / 11P
25 Amp Standard & Alternistor (High Commutation) Triacs
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com