전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q6040J7TP 데이터시트(PDF) 4 Page - Littelfuse

부품명 Q6040J7TP
상세설명  Teccor짰 brand Thyristors 40 Amp Alternistor (High Commutation) Triacs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

Q6040J7TP 데이터시트(HTML) 4 Page - Littelfuse

  Q6040J7TP Datasheet HTML 1Page - Littelfuse Q6040J7TP Datasheet HTML 2Page - Littelfuse Q6040J7TP Datasheet HTML 3Page - Littelfuse Q6040J7TP Datasheet HTML 4Page - Littelfuse Q6040J7TP Datasheet HTML 5Page - Littelfuse Q6040J7TP Datasheet HTML 6Page - Littelfuse Q6040J7TP Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
150
Revised: June 24, 2011 04:57 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
40 Amp Alternistor (High Commutation) Triacs
Qxx40xx Series
110
100
1000
10
Surge Current Duration – Full Cycles
1
100
1000
Figure 8: Surge Peak On-State Current vs. Number of Cycles
Supply Frequency: 60Hz Sinusoidal
Load: Resistive
RMS On-State [I
T(RMS)]: Max Rated Value at
Specific Case Temperature
Notes:
1) Gate control may be lost during and
immediately following surge current interval.
2) Overload may not be repeated until junction
temperature has returned to steady-state
rated value.
Figure 7: On-State Current vs. On-State Voltage (Typical)
T
C = 25ºC
0
10
20
30
40
50
60
70
80
90
0.6
0.8
1.0
1.2
1.4
1.6
Positive or Negative Instantaneous On-State Voltage (v
T) - Volts
Note: xx = voltage


유사한 부품 번호 - Q6040J7TP

제조업체부품명데이터시트상세설명
logo
Teccor Electronics
Q6040J7 TECCOR-Q6040J7 Datasheet
536Kb / 7P
   Alternistor Triacs?
logo
Littelfuse
Q6040J7 LITTELFUSE-Q6040J7 Datasheet
182Kb / 10P
   Alternistor Triacs (6 A to 40 A)
logo
List of Unclassifed Man...
Q6040J7 ETC2-Q6040J7 Datasheet
188Kb / 10P
   Alternistor Triacs
More results

유사한 설명 - Q6040J7TP

제조업체부품명데이터시트상세설명
logo
Littelfuse
Q6040K7TP LITTELFUSE-Q6040K7TP Datasheet
741Kb / 7P
   Teccor짰 brand Thyristors 40 Amp Alternistor (High Commutation) Triacs
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
   Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
Q6X3RP LITTELFUSE-Q6X3RP Datasheet
836Kb / 9P
   Teccor짰 brand Thyristors 1 Amp Sensitive & Standard Triacs
L4004L3TP LITTELFUSE-L4004L3TP Datasheet
905Kb / 10P
   Teccor짰 brand Thyristors 4 Amp Sensitive & Standard Triacs
L0107NERP LITTELFUSE-L0107NERP Datasheet
1Mb / 8P
   Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
K2201GRP LITTELFUSE-K2201GRP Datasheet
225Kb / 6P
   Teccor짰 brand Thyristors
L0107MTRP LITTELFUSE-L0107MTRP Datasheet
1Mb / 8P
   Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
S6S1RP LITTELFUSE-S6S1RP Datasheet
293Kb / 10P
   Teccor짰 brand Thyristors
Q4025K6TP LITTELFUSE-Q4025K6TP Datasheet
1,005Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q4025N5RP LITTELFUSE-Q4025N5RP Datasheet
320Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com