전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q6040J7TP 데이터시트(PDF) 7 Page - Littelfuse

부품명 Q6040J7TP
상세설명  Teccor짰 brand Thyristors 40 Amp Alternistor (High Commutation) Triacs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

Q6040J7TP 데이터시트(HTML) 7 Page - Littelfuse

  Q6040J7TP Datasheet HTML 1Page - Littelfuse Q6040J7TP Datasheet HTML 2Page - Littelfuse Q6040J7TP Datasheet HTML 3Page - Littelfuse Q6040J7TP Datasheet HTML 4Page - Littelfuse Q6040J7TP Datasheet HTML 5Page - Littelfuse Q6040J7TP Datasheet HTML 6Page - Littelfuse Q6040J7TP Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
153
Revised: June 24, 2011 04:57 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
40 Amp Alternistor (High Commutation) Triacs
Qxx40xx Series
DEVICE TYPE
Q : Alternistor Triac
CURRENT
40 : 40A
PACKAGE TYPE
K : TO-218AC Isolated
J : TO-218X Isolated
VOLTAGE
40 : 400V
60 : 600V
80 : 800V
K0 : 1000V
SENSITIVITY
H6: 80mA (QI, II, III)
7 : 100mA (QI, II, III)
Q 60 40 K 7
5 : 50mA, (QI, II, III)
Part Numbering System
Part Marking System
TO-218 AC (K Package)
TO-218 X – (J Package)
®
YMLXX
Q6040K7
Packing Options
Part Number
Marking
Weight
Packing Mode
Base Quantity
Qxx40KH6TP
Qxx40KH6
4.40g
Tube
250 (25 per tube)
Qxx40JH6TP
Qxx40JH6
5.23g
Tube
250 (25 per tube)
Qxx40K5TP
Qxx40K5
4.40g
Tube
250 (25 per tube)
Qxx40K7TP
Qxx40K7
4.40g
Tube
250 (25 per tube)
Qxx40J7TP
Qxx40J7
5.23g
Tube
250 (25 per tube)
Note: xx = Voltage
Product Selector
Part Number
Voltage
Gate Sensitivity Quadrants
I
T(RMS)
Type
Package
400V
600V
800V 1000V
I – II – III
IV
Qxx40KH6
X
X
X
X
80mA
40A
Alternistor Triac
TO-218AC
Qxx40JH6
X
X
X
80mA
40A
Alternistor Triac
TO-218X
Qxx40K5
X
X
X
50mA
40A
Alternistor Triac
TO-218AC
Qxx40K7
X
X
X
X
100 mA
40A
Alternistor Triac
TO-218AC
Qxx40J7
X
X
X
100 mA
40A
Alternistor Triac
TO-218X
Note: xx = Voltage


유사한 부품 번호 - Q6040J7TP

제조업체부품명데이터시트상세설명
logo
Teccor Electronics
Q6040J7 TECCOR-Q6040J7 Datasheet
536Kb / 7P
Alternistor Triacs?
logo
Littelfuse
Q6040J7 LITTELFUSE-Q6040J7 Datasheet
182Kb / 10P
Alternistor Triacs (6 A to 40 A)
logo
List of Unclassifed Man...
Q6040J7 ETC2-Q6040J7 Datasheet
188Kb / 10P
Alternistor Triacs
More results

유사한 설명 - Q6040J7TP

제조업체부품명데이터시트상세설명
logo
Littelfuse
Q6040K7TP LITTELFUSE-Q6040K7TP Datasheet
741Kb / 7P
Teccor짰 brand Thyristors 40 Amp Alternistor (High Commutation) Triacs
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
Q6X3RP LITTELFUSE-Q6X3RP Datasheet
836Kb / 9P
Teccor짰 brand Thyristors 1 Amp Sensitive & Standard Triacs
L4004L3TP LITTELFUSE-L4004L3TP Datasheet
905Kb / 10P
Teccor짰 brand Thyristors 4 Amp Sensitive & Standard Triacs
L0107NERP LITTELFUSE-L0107NERP Datasheet
1Mb / 8P
Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
K2201GRP LITTELFUSE-K2201GRP Datasheet
225Kb / 6P
Teccor짰 brand Thyristors
L0107MTRP LITTELFUSE-L0107MTRP Datasheet
1Mb / 8P
Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
S6S1RP LITTELFUSE-S6S1RP Datasheet
293Kb / 10P
Teccor짰 brand Thyristors
Q4025K6TP LITTELFUSE-Q4025K6TP Datasheet
1,005Kb / 11P
25 Amp Standard & Alternistor (High Commutation) Triacs
Q4025N5RP LITTELFUSE-Q4025N5RP Datasheet
320Kb / 11P
25 Amp Standard & Alternistor (High Commutation) Triacs
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com