전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QBH-4002 데이터시트(PDF) 1 Page - API Technologies Corp

부품명 QBH-4002
상세설명  RF AMPLIFIER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  APITECH [API Technologies Corp]
홈페이지  http://www.apitech.com/
Logo APITECH - API Technologies Corp

QBH-4002 데이터시트(HTML) 1 Page - API Technologies Corp

  QBH-4002 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Legend
+ 25 ºC
+ 85 ºC - - - - - - -55 ºC
RF AMPLIFIER
MODEL
QBH-4002
Available as: QBH-4002, 4 Pin TO-8 (080-10114-0001)
QBH-9-4002, Connectorized Housing (ES E52-1501)
Specifications
Maximum Ratings
Ambient Operating Temperature ................ -55ºC to +125 ºC
Storage Temperature ................................. -65ºC to +150 ºC
Case Temperature .................................................. +125 ºC
DC Voltage .......................................................... +18 Volts
Continuous RF Input Power .................................. +13 dBm
Short Term RF Input Power ...... 50 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
µsec Max.)
Features
!
!
!
!
! High Gain: 11.0 dB Typical
!
!
!
!
! High Power: +12 dBm Typical
!
!
!
!
! Operating Temp. -55 ºC to +85 ºC
!
!
!
!
! Environmental Screening Available
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
200 - 3000 MHz
200 - 3000 MHz
Power
Vdc
+15
+15
mA
75
80 Max.
Noise Figure (dB)
4.0
4.5
Max.
VSWR
In
2.0:1
2.0:1 Max.
Out
2.0:1
2.0:1 Max.
Reverse Isolation (dB)
-17
-15 Min.
Gain (dB)
11.0
Gain Flatness
1.3
1.8 Max.
Output Intercept point
3rd Order
+24
+22 Min.
2nd Order
+30
+28 Min.
Gain vs. Temperature
+1.2/-1.2 Max.
1 dB Compression (dBm)
+12
+11 Min.
± 0.8
Typical Performance Data
Note: Specifications are guaranteed when tested in a 50 Ohm system.
Specifications indicated as typical are not guaranteed.
03/11/05
Linear S-Parameters Data
FREQ.
– – S11– –
– – S21– –
– – S12– –
– – S22– –
MHz
Ang
dB
Ang
dB
Ang
dB
Ang
dB
200
600
1000
1300
1700
2000
2400
2700
3000
-16.9
-25.7
-21.5
-19.5
-17.4
-16.1
-14.1
-12.9
-11.6
-70.7
-59.4
-72.8
-107.7
-171.4
136.1
62.6
5.5
-50.5
11.3
11.5
11.4
11.3
11.3
11.2
10.9
10.8
10.9
162.1
96.2
36.7
-7.3
-65.9
-110.0
-168.5
149.0
104.4
-20.1
-21.1
-21.3
-21.4
-21.3
-21.2
-21.0
-21.0
-21.2
-36.8
-81.9
-132.0
-171.3
135.6
94.1
37.0
-7.2
-50.6
-17.4
-17.4
-15.8
-15.1
-15.5
-16.4
-18.5
-18.8
-18.7
-146.0
100.4
35.3
-6.5
-58.4
-97.8
-147.7
177.4
139.3
===================================================================
7
11
10
8
Gain (dB)
Reverse Isolation (dB)
1 dB Comp. (dBm)
Input/Output VSWR +25 ºC
3rd order intermodulation
distortion (dBm)
9
12
-60
-10
-30
-50
-40
-20
0
1 0 0
1000
MHz
14
18
16
15
17
1.8
1.4
1.2
1.6
2.0
36
32
28
30
40
34
3.0
0.0
4.0
2.0
Noise Figure (dB)
1.0
1.0
5.0
3000
38
19
6.0
13
1 0 0
1000
MHz
3000
10 0
1000
MHz
3000
10 0
1000
MHz
3000
10 0
1000
MHz
3000
2.2
Output
100
1000
MHz
3000
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


유사한 부품 번호 - QBH-4002

제조업체부품명데이터시트상세설명
logo
Spectrum Microwave, Inc...
QBH-4002 SPECTRUM-QBH-4002 Datasheet
47Kb / 1P
RF AMPLIFIER
More results

유사한 설명 - QBH-4002

제조업체부품명데이터시트상세설명
logo
API Technologies Corp
QBH-147 APITECH-QBH-147 Datasheet
59Kb / 1P
RF AMPLIFIER MODEL
QBH-137 APITECH-QBH-137 Datasheet
56Kb / 1P
RF AMPLIFIER MODEL
QBH-124 APITECH-QBH-124 Datasheet
62Kb / 1P
RF AMPLIFIER MODEL
QBH-115 APITECH-QBH-115 Datasheet
60Kb / 1P
RF AMPLIFIER MODEL
QBH-5409 APITECH-QBH-5409 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
QBH-4012PM APITECH-QBH-4012PM Datasheet
47Kb / 1P
RF AMPLIFIER MODEL
QBH-1505 APITECH-QBH-1505 Datasheet
48Kb / 1P
RF AMPLIFIER MODEL
QBH-859 APITECH-QBH-859 Datasheet
118Kb / 1P
RF AMPLIFIER MODEL
QBH-842 APITECH-QBH-842 Datasheet
60Kb / 1P
RF AMPLIFIER MODEL
QBH-834 APITECH-QBH-834 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com