전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFP-9331 데이터시트(PDF) 1 Page - Level One

부품명 SFP-9331
상세설명  1.25G SMF BIDI SFP Transceiver 20km T1550/R1310nm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LVL1 [Level One]
홈페이지  http://www.level1.com/
Logo LVL1 - Level One

SFP-9331 데이터시트(HTML) 1 Page - Level One

  SFP-9331 Datasheet HTML 1Page - Level One SFP-9331 Datasheet HTML 2Page - Level One SFP-9331 Datasheet HTML 3Page - Level One SFP-9331 Datasheet HTML 4Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SFP-9331 Version: 2
1.25G SMF BIDI SFP Transceiver, 20km,
T1550/R1310nm
The LevelOne SFP-9331 is a high performance, cost-effective SFP transceiver. It provides up to 1.25 Gbps
bi-directional data transfer rate at distances up to 20km on a single fiber core. These bi-directional SFP
Transceivers allow data transfer in either direction through a single optical fiber by employing separate
wavelengths travelling in either direction.
The SFP-9331 transmits using a wavelength of 1550nm and receives using a wavelength of 1310nm.
When coupled with the LevelOne SFP-9321 transceiver which transmits at and receives at the opposite
rates (1550nm TX and 1310nm RX) you get bi-direction data communication on a single fiber core.
Key Features
- 1550nm DFP LD
- Multi Data Rate: from 125M to 1.25Gbps, NRZ
- Single +3.3V Power Supply
- RoHS Compliant and Lead-free
- AC/AC Differential Electrical Interface
- Compliant with Multi-Source Agreement(MSA)
- Simplex LC Connector
- Compliance with specifications for IEEE802.3z Gigabit Ethernet at 1.25Gbps
- Compliance with ANSI specifications for Fiber Channel applications at 1.06bps
- No configuration or installation software required
- Eye Safety Designed to meet LASER Class 1 comply with EN60825-1
www.level1.com
Page 1 of 4


유사한 부품 번호 - SFP-9331

제조업체부품명데이터시트상세설명
logo
Level One
SFP-9331 LVL1-SFP-9331 Datasheet
1Mb / 4P
L2 Managed Switch - 10 GE with 2 Combo SFP
SFP-9331 LVL1-SFP-9331 Datasheet
313Kb / 3P
4 GE plus 1 GE SFP Switch
SFP-9331 LVL1-SFP-9331 Datasheet
1Mb / 4P
20 GE PoE-Plus plus 4 GE PoE-Plus Combo SFP plus 4 10GE SFP-Plus L2-Plus Managed Switch, 185W
More results

유사한 설명 - SFP-9331

제조업체부품명데이터시트상세설명
logo
Level One
SFP-9221 LVL1-SFP-9221 Datasheet
308Kb / 4P
1.25G SMF BIDI SFP Transceiver 10km T1310/R1550nm
SFP-9231 LVL1-SFP-9231 Datasheet
314Kb / 4P
1.25G SMF BIDI SFP Transceiver 10km T1550/R1310nm
SFP-9321 LVL1-SFP-9321 Datasheet
324Kb / 4P
1.25G SMF BIDI SFP Transceiver 20km T1310/R1550nm
SFP-9421 LVL1-SFP-9421 Datasheet
309Kb / 4P
1.25G SMF BIDI SFP Transceiver 40km T1310/R1550nm
SFP-9431 LVL1-SFP-9431 Datasheet
315Kb / 4P
1.25G SMF BIDI SFP Transceiver 40km T1550/R1310nm
SFP-4310 LVL1-SFP-4310 Datasheet
104Kb / 1P
1.25G BIDI SMF SFP Transceiver
SFP-4320 LVL1-SFP-4320 Datasheet
104Kb / 1P
1.25G BIDI SMF SFP Transceiver
SFP-4330 LVL1-SFP-4330 Datasheet
104Kb / 1P
1.25G BIDI SMF SFP Transceiver
SFP-7331 LVL1-SFP-7331 Datasheet
420Kb / 3P
155M SMF BIDI SFP Transceiver, 20km,T1550/R1310nm
logo
Pulse A Technitrol Comp...
SFPT-BD34-01 PULSE-SFPT-BD34-01 Datasheet
207Kb / 10P
SFP BIDI 1.25G 1310/1490nm DDM 20KM Transceiver
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com