전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NIPCIE-7852R 데이터시트(PDF) 4 Page - National Instruments Corporation

부품명 NIPCIE-7852R
상세설명  NI R Series Multifunction RIO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NI [National Instruments Corporation]
홈페이지  http://www.NI.com
Logo NI - National Instruments Corporation

NIPCIE-7852R 데이터시트(HTML) 4 Page - National Instruments Corporation

  NIPCIE-7852R Datasheet HTML 1Page - National Instruments Corporation NIPCIE-7852R Datasheet HTML 2Page - National Instruments Corporation NIPCIE-7852R Datasheet HTML 3Page - National Instruments Corporation NIPCIE-7852R Datasheet HTML 4Page - National Instruments Corporation NIPCIE-7852R Datasheet HTML 5Page - National Instruments Corporation NIPCIE-7852R Datasheet HTML 6Page - National Instruments Corporation NIPCIE-7852R Datasheet HTML 7Page - National Instruments Corporation NIPCIE-7852R Datasheet HTML 8Page - National Instruments Corporation NIPCIE-7852R Datasheet HTML 9Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4/17
www.ni.com
Requires: 1 Cables , 1 Connector Blocks ;
Connector 0:
Cables: Shielded - SHC68-68-RDIO Cable (1m)
**Also Available: [Unshielded]
191667-01
Connector Blocks: Spring-Screw_Terminals - SCB-68A
782536-01
Connector 1:
Cables: Shielded - SHC68-68-RDIO Cable (1m)
**Also Available: [Unshielded]
191667-01
Connector Blocks: Spring-Screw_Terminals - SCB-68A
782536-01
Connector 2:
Cables: -
**Also Available: [Unshielded]
Connector Blocks: -
Connector 3:
Cables: -
**Also Available: [Unshielded]
Connector Blocks: -
NI PXI-7813R
NI PXI-7813R
Requires: 1 Cables , 1 Connector Blocks ;
779362-01
Connector 0:
Cables: Shielded - SHC68-68-RDIO Cable (1m)
**Also Available: [Unshielded]
191667-01
Connector Blocks: Spring-Screw_Terminals - SCB-68A
782536-01
Connector 1:
Cables: Shielded - SHC68-68-RDIO Cable (1m)
**Also Available: [Unshielded]
191667-01
Connector Blocks: Spring-Screw_Terminals - SCB-68A
782536-01
Connector 2:
Cables: -
**Also Available: [Unshielded]
Connector Blocks: -
Connector 3:
Cables: -
**Also Available: [Unshielded]
Connector Blocks: -
NI PCI-7830R
NI PCI-7830R
Requires: 2 Cable , 2 Connector Block ;
779361-01
Connector 0:
Cable: Shielded - SHC68-68-RMIO Cable (2m)
**Also Available: [Unshielded]
189588-02
Connector Block: Spring-Screw_Terminals - SCB-68A
782536-01
Connector 1:
Cable: Shielded - SHC68-68-RMIO Cable (2m)
**Also Available: [Unshielded]
189588-02
Connector Block: Spring-Screw_Terminals - SCB-68A
782536-01
NI PXI-7830R
NI PXI-7830R
Requires: 1 Cable , 1 Connector Block ;
779364-01
Connector 0:
Cable: Shielded - SHC68-68-RMIO Cable (2m)
**Also Available: [Unshielded]
189588-02
Connector Block: Spring-Screw_Terminals - SCB-68A
782536-01
Connector 1:
Cable: Shielded - SHC68-68-RMIO Cable (2m)
**Also Available: [Unshielded]
189588-02
Connector Block: Spring-Screw_Terminals - SCB-68A
782536-01
NI PCI-7831R
NI PCI-7831R
Requires: 3 Cables , 3 Connector Block ;
778797-01
Connector 0:
Cables: Shielded - SHC68-68-RMIO Cable (2m)
189588-02
Connector Block: Spring-Screw_Terminals - SCB-68A
782536-01
Connector 1:


유사한 부품 번호 - NIPCIE-7852R

제조업체부품명데이터시트상세설명
logo
National Instruments Co...
NIPCIE-7851R NI-NIPCIE-7851R Datasheet
377Kb / 17P
NI R Series Multifunction RIO
More results

유사한 설명 - NIPCIE-7852R

제조업체부품명데이터시트상세설명
logo
National Instruments Co...
NIPCIE-7842R NI-NIPCIE-7842R Datasheet
377Kb / 17P
NI R Series Multifunction RIO
NIPCIE-7851R NI-NIPCIE-7851R Datasheet
377Kb / 17P
NI R Series Multifunction RIO
logo
Virginia Panel Corporat...
510109487 VPC-510109487 Datasheet
349Kb / 1P
WDA W/PBC NI-6585 FLEX RIO
logo
National Instruments Co...
NIUSB-6343 NI-NIUSB-6343 Datasheet
1Mb / 18P
NI X Series Multifunction Data Acquisition
NIUSB-6351 NI-NIUSB-6351 Datasheet
655Kb / 19P
NI X Series Multifunction Data Acquisition
NIUSB-6353 NI-NIUSB-6353 Datasheet
655Kb / 19P
NI X Series Multifunction Data Acquisition
NIPXIE-6363 NI-NIPXIE-6363 Datasheet
1Mb / 20P
NI X Series Multifunction Data Acquisition
NIPCIE-6361 NI-NIPCIE-6361 Datasheet
1Mb / 20P
NI X Series Multifunction Data Acquisition
NIPCIE-6320 NI-NIPCIE-6320 Datasheet
516Kb / 15P
NI X Series Multifunction Data Acquisition
NIPXIE-6358 NI-NIPXIE-6358 Datasheet
1Mb / 18P
NI X Series Multifunction Data Acquisition
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com