전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NIPCIE-7852R 데이터시트(PDF) 7 Page - National Instruments Corporation

부품명 NIPCIE-7852R
상세설명  NI R Series Multifunction RIO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NI [National Instruments Corporation]
홈페이지  http://www.NI.com
Logo NI - National Instruments Corporation

NIPCIE-7852R 데이터시트(HTML) 7 Page - National Instruments Corporation

Back Button NIPCIE-7852R Datasheet HTML 3Page - National Instruments Corporation NIPCIE-7852R Datasheet HTML 4Page - National Instruments Corporation NIPCIE-7852R Datasheet HTML 5Page - National Instruments Corporation NIPCIE-7852R Datasheet HTML 6Page - National Instruments Corporation NIPCIE-7852R Datasheet HTML 7Page - National Instruments Corporation NIPCIE-7852R Datasheet HTML 8Page - National Instruments Corporation NIPCIE-7852R Datasheet HTML 9Page - National Instruments Corporation NIPCIE-7852R Datasheet HTML 10Page - National Instruments Corporation NIPCIE-7852R Datasheet HTML 11Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7/17
www.ni.com
Back to Top
Back to Top
Cables: Shielded - SHC68-68-RMIO Cable (2m)
**Also Available: [Unshielded]
189588-02
Connector Block: Spring-Screw_Terminals - SCB-68A
782536-01
Connector 1:
Cables: Shielded - SHC68-68-RMIO Cable (2m)
**Also Available: [Unshielded]
189588-02
Connector Block: Spring-Screw_Terminals - SCB-68A
782536-01
Connector 2:
Cables: -
**Also Available: [Unshielded]
Connector Block: -
Software Recommendations
NI LabVIEW FPGA Module
Create your own I/O hardware without VHDL coding or board design
Graphically configure FPGAs on NI reconfigurable I/O (RIO) hardware targets
Define your own control algorithms with loop rates up to 300 MHz
Execute multiple tasks simultaneously and deterministically
Implement custom timing and triggering logic, digital protocols, and DSP algorithms
Incorporate existing HDL code and third-party IP including Xilinx CORE Generator functions
Support and Services
System Assurance Programs
NI system assurance programs are designed to make it even easier for you to own an NI system. These programs include configuration and deployment services for your NI PXI,
CompactRIO, or Compact FieldPoint system. The NI Basic System Assurance Program provides a simple integration test and ensures that your system is delivered completely
assembled in one box. When you configure your system with the NI Standard System Assurance Program, you can select from available NI system driver sets and application
development environments to create customized, reorderable software configurations. Your system arrives fully assembled and tested in one box with your software preinstalled.
When you order your system with the standard program, you also receive system-specific documentation including a bill of materials, an integration test report, a recommended
maintenance plan, and frequently asked question documents. Finally, the standard program reduces the total cost of owning an NI system by providing three years of warranty
coverage and calibration service. Use the online product advisors at ni.com/advisor to find a system assurance program to meet your needs.
Calibration
NI measurement hardware is calibrated to ensure measurement accuracy and verify that the device meets its published specifications. To ensure the ongoing accuracy of your
measurement hardware, NI offers basic or detailed recalibration service that provides ongoing ISO 9001 audit compliance and confidence in your measurements. To learn more
about NI calibration services or to locate a qualified service center near you, contact your local sales office or visit ni.com/calibration.
Technical Support
Get answers to your technical questions using the following National Instruments resources.
Support - Visit ni.com/support to access the NI KnowledgeBase, example programs, and tutorials or to contact our applications engineers who are located in NI sales
offices around the world and speak the local language.
Discussion Forums - Visit forums.ni.com for a diverse set of discussion boards on topics you care about.
Online Community - Visit community.ni.com to find, contribute, or collaborate on customer-contributed technical content with users like you.
Repair
While you may never need your hardware repaired, NI understands that unexpected events may lead to necessary repairs. NI offers repair services performed by highly trained
technicians who quickly return your device with the guarantee that it will perform to factory specifications. For more information, visit ni.com/repair.
Training and Certifications
The NI training and certification program delivers the fastest, most certain route to increased proficiency and productivity using NI software and hardware. Training builds the skills
to more efficiently develop robust, maintainable applications, while certification validates your knowledge and ability.
Classroom training in cities worldwide - the most comprehensive hands-on training taught by engineers.
On-site training at your facility - an excellent option to train multiple employees at the same time.
Online instructor-led training - lower-cost, remote training if classroom or on-site courses are not possible.
Course kits - lowest-cost, self-paced training that you can use as reference guides.
Training memberships and training credits - to buy now and schedule training later.


유사한 부품 번호 - NIPCIE-7852R

제조업체부품명데이터시트상세설명
logo
National Instruments Co...
NIPCIE-7851R NI-NIPCIE-7851R Datasheet
377Kb / 17P
NI R Series Multifunction RIO
More results

유사한 설명 - NIPCIE-7852R

제조업체부품명데이터시트상세설명
logo
National Instruments Co...
NIPCIE-7842R NI-NIPCIE-7842R Datasheet
377Kb / 17P
NI R Series Multifunction RIO
NIPCIE-7851R NI-NIPCIE-7851R Datasheet
377Kb / 17P
NI R Series Multifunction RIO
logo
Virginia Panel Corporat...
510109487 VPC-510109487 Datasheet
349Kb / 1P
WDA W/PBC NI-6585 FLEX RIO
logo
National Instruments Co...
NIUSB-6343 NI-NIUSB-6343 Datasheet
1Mb / 18P
NI X Series Multifunction Data Acquisition
NIUSB-6351 NI-NIUSB-6351 Datasheet
655Kb / 19P
NI X Series Multifunction Data Acquisition
NIUSB-6353 NI-NIUSB-6353 Datasheet
655Kb / 19P
NI X Series Multifunction Data Acquisition
NIPXIE-6363 NI-NIPXIE-6363 Datasheet
1Mb / 20P
NI X Series Multifunction Data Acquisition
NIPCIE-6361 NI-NIPCIE-6361 Datasheet
1Mb / 20P
NI X Series Multifunction Data Acquisition
NIPCIE-6320 NI-NIPCIE-6320 Datasheet
516Kb / 15P
NI X Series Multifunction Data Acquisition
NIPXIE-6358 NI-NIPXIE-6358 Datasheet
1Mb / 18P
NI X Series Multifunction Data Acquisition
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com