전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7756TRPBF 데이터시트(PDF) 5 Page - International Rectifier

부품명 IRF7756TRPBF
상세설명  Ultra Low On-Resistance
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7756TRPBF 데이터시트(HTML) 5 Page - International Rectifier

  IRF7756TRPBF Datasheet HTML 1Page - International Rectifier IRF7756TRPBF Datasheet HTML 2Page - International Rectifier IRF7756TRPBF Datasheet HTML 3Page - International Rectifier IRF7756TRPBF Datasheet HTML 4Page - International Rectifier IRF7756TRPBF Datasheet HTML 5Page - International Rectifier IRF7756TRPBF Datasheet HTML 6Page - International Rectifier IRF7756TRPBF Datasheet HTML 7Page - International Rectifier IRF7756TRPBF Datasheet HTML 8Page - International Rectifier IRF7756TRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IRF7756PbF
www.irf.com
5
Fig 10. Typical Effective Transient Thermal Impedance, Junction-to-Ambient
Fig 9. Maximum Drain Current Vs.
Case Temperature
25
50
75
100
125
150
0.0
1.0
2.0
3.0
4.0
5.0
T , Case Temperature ( C)
°
C
0.1
1
10
100
1000
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJA
A
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)
VDS
VGS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
VDD
RG
D.U.T.
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10a. Switching Time Test Circuit
Fig 10b. Switching Time Waveforms


유사한 부품 번호 - IRF7756TRPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7756 IRF-IRF7756 Datasheet
183Kb / 9P
HEXFET Power MOSFET
IRF7756GPBF IRF-IRF7756GPBF Datasheet
242Kb / 9P
Ultra Low On-Resistance
IRF7756PBF IRF-IRF7756PBF Datasheet
242Kb / 9P
Ultra Low On-Resistance
More results

유사한 설명 - IRF7756TRPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
Ultra Low On-Resistance
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
Ultra Low On-Resistance
logo
International Rectifier
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
ULTRA LOW ON RESISTANCE
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
Ultra Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com