전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

51021-0400 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 51021-0400
상세설명  1.25mm Pitch PicoBlade??Wire-to-Wire and Wire-to-Board Housing, Female, 4
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX11 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

51021-0400 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  51021-0400 Datasheet HTML 1Page - Molex Electronics Ltd. 51021-0400 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/15/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
51021-0400
Status:
Active
Overview:
PicoBlade™ Connector System
Description:
1.25mm Pitch PicoBlade™ Wire-to-Wire and Wire-to-Board Housing, Female, 4
Circuits
Documents:
3D Model
Product Specification PS-51021-023 (PDF)
Drawing (PDF)
Product Specification PS-51021-024 (PDF)
Product Specification PS-51021-001 (PDF)
Product Specification PS-51021-025 (PDF)
Product Specification PS-51021-002 (PDF)
Product Specification PS-51021-026 (PDF)
Product Specification PS-51021-009 (PDF)
Product Specification PS-51021-027 (PDF)
Product Specification PS-51021-010 (PDF)
Product Specification PS-51021-028 (PDF)
Product Specification PS-51021-011 (PDF)
Packaging Specification SPK-51021-001 (PDF)
Product Specification PS-51021-022 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
51021
Application
Signal, Wire-to-Board, Wire-to-Wire
MolexKits
Yes
Overview
PicoBlade™ Connector System
Product Name
PicoBlade™
UPC
800753575615
Physical
Circuits (maximum)
4
Color - Resin
Natural
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Resin
Polyester
Net Weight
42.200/mg
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
1.25mm
Stackable
No
Temperature Range - Operating
-40°C to +85°C
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-51021-001
Product Specification
PS-51021-001, PS-51021-002, PS-51021-009,
PS-51021-010, PS-51021-011, PS-51021-022,
PS-51021-023, PS-51021-024, PS-51021-025,
PS-51021-026, PS-51021-027, PS-51021-028,
RPS-51021-001, RPS-51021-002, RPS-51021-003,
RPS-51021-004, RPS-51021-006, RPS-51021-007,
RPS-51021-008, RPS-51021-009, RPS-51021-010,
RPS-51021-011, RPS-51021-013, RPS-51021-014,
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
51021Series
Mates With
53261 1.25mm Pitch PicoBlade™ Header
Use With
50058 Crimp Terminal, 50079 Crimp
Terminal


유사한 부품 번호 - 51021-0400

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
51021-0400 ETC2-51021-0400 Datasheet
69Kb / 1P
1.25mm (.049) Pitch Wire-to-Wire and Wire-to-Board Receptacle
logo
MolexKits
51021-0400 MOLEXKITS-51021-0400 Datasheet
43Kb / 2P
Friction Lock Plug and Receptacle
51021-0400 MOLEXKITS-51021-0400 Datasheet
43Kb / 2P
SMT Friction Lock Vertical Header and Receptacle
51021-0400 MOLEXKITS-51021-0400 Datasheet
43Kb / 2P
SMT Friction Lock Right Angle Header and Receptacle
51021-0400 MOLEXKITS-51021-0400 Datasheet
44Kb / 2P
Friction Lock Plug and Receptacle and SMT Header
More results

유사한 설명 - 51021-0400

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
51021-0800 MOLEX11-51021-0800 Datasheet
39Kb / 2P
1.25mm Pitch PicoBlade??Wire-to-Wire and Wire-to-Board Housing, Female, 8
51021-0900 MOLEX11-51021-0900 Datasheet
39Kb / 2P
1.25mm Pitch PicoBlade??Wire-to-Wire and Wire-to-Board Housing, Female, 9
51021-1200 MOLEX11-51021-1200 Datasheet
38Kb / 2P
1.25mm Pitch PicoBlade??Wire-to-Wire and Wire-to-Board Housing, Female, 12
51021-1300 MOLEX11-51021-1300 Datasheet
38Kb / 2P
1.25mm Pitch PicoBlade??Wire-to-Wire and Wire-to-Board Housing, Female, 13
51021-1400 MOLEX11-51021-1400 Datasheet
38Kb / 2P
1.25mm Pitch PicoBlade??Wire-to-Wire and Wire-to-Board Housing, Female, 14
0510210300 MOLEX1-0510210300_17 Datasheet
33Kb / 2P
1.25mm Pitch PicoBlade Wire-to-Wire and Wire-to-Board Housing, Female, 3Circuits
0510210700 MOLEX1-0510210700_17 Datasheet
33Kb / 2P
1.25mm Pitch PicoBlade Wire-to-Wire and Wire-to-Board Housing, Female, 7Circuits
0510211100 MOLEX1-0510211100_17 Datasheet
32Kb / 2P
1.25mm Pitch PicoBlade Wire-to-Wire and Wire-to-Board Housing, Female, 11
0510211200 MOLEX1-0510211200_17 Datasheet
32Kb / 2P
1.25mm Pitch PicoBlade Wire-to-Wire and Wire-to-Board Housing, Female, 12
0510211700 MOLEX1-0510211700_17 Datasheet
30Kb / 1P
1.25mm Pitch PicoBlade Wire-to-Wire and Wire-to-Board Housing, Female, 17
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com