전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q6016LH651 데이터시트(PDF) 3 Page - Littelfuse

부품명 Q6016LH651
상세설명  15 Amp Standard & 16 Amp Alternistor (High Commutation) Triacs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

Q6016LH651 데이터시트(HTML) 3 Page - Littelfuse

  Q6016LH651 Datasheet HTML 1Page - Littelfuse Q6016LH651 Datasheet HTML 2Page - Littelfuse Q6016LH651 Datasheet HTML 3Page - Littelfuse Q6016LH651 Datasheet HTML 4Page - Littelfuse Q6016LH651 Datasheet HTML 5Page - Littelfuse Q6016LH651 Datasheet HTML 6Page - Littelfuse Q6016LH651 Datasheet HTML 7Page - Littelfuse Q6016LH651 Datasheet HTML 8Page - Littelfuse Q6016LH651 Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
109
Revised: November 1, 2010 05:04 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
15 Amp Standard & 16 Amp Alternistor (High Commutation) Triacs
Qxx15xx & Qxx16xHx Series
Static Characteristics
Symbol
Test Conditions
Value
Unit
V
TM
15A Device I
T = 21.2A tp = 380μs
MAX
1.60
V
16A Device I
T = 22.6A tp = 380μs
I
DRM
I
RRM
V
D = VDRM / VRRM
T
J = 25°C
400-1000V
MAX
5
μA
T
J = 125°C
400-800V
2
mA
T
J = 100°C
1000V
3
Thermal Resistances
Symbol
Parameter
Value
Unit
R
θ(J-C)
Junction to case (AC)
Qxx15Ry
Qxx15Ny
Qxx16RHy
Qxx16NHy
1.1
°C/W
Qxx15Ly
Qxx16LHy
2.1
R
θ(J-A)
Junction to ambient
Qxx15Ry
Qxx16RHy
45
°C/W
Qxx15Ly
Qxx16LHy
50
Note: xx = voltage; y = sensitivity
Figure 2: Normalized DC Gate Trigger Current for All
Quadrants vs. Junction Temperature
+125
0.0
1.0
2.0
3.0
4.0
-65
-40
Junction Temperature (T
J) - ºC
-15
10
35
60
85
100
Figure 1: Definition of Quadrants
Note: Alternistors will not operate in QIV
MT2 POSITIVE
(Positive Half Cycle)
MT2 NEGATIVE
(Negative Half Cycle)
MT1
MT2
+ I
GT
REF
QII
MT1
I
GT
GATE
MT2
REF
MT1
MT2
REF
MT1
MT2
REF
QI
QIV
QIII
ALL POLARITIES ARE REFERENCED TO MT1
(
-)
I
GT
GATE
(+)
I
GT -
I
GT
GATE
(
-)
I
GT
GATE
(+)
+
-
Electrical Characteristics (T
J = 25°C, unless otherwise specified) — Alternistor Triac (3 Quadrants)
Symbol
Test Conditions
Quadrant
Qxx16xH2
Qxx16xH3
Qxx16xH4
Qxx16xH6
Unit
I
GT
V
D = 12V RL = 60 Ω
I – II – III
MAX.
10
20
35
80
mA
V
GT
I – II – III
MAX.
1.3
V
V
GD
V
D = VDRM RL = 3.3 kΩ TJ = 125°C
I – II – III
MIN.
0.2
V
I
H
I
T = 100mA
MAX.
15
35
50
70
mA
dv/dt
V
D = VDRM Gate Open TJ = 125°C
400V
MIN.
200
350
475
925
V/μs
600V
150
250
400
850
800V
100
200
350
475
V
D = VDRM Gate Open TJ = 100°C
1000V
100
200
300
350
(dv/dt)c
(di/dt)c = 8.6 A/ms T
J = 125°C
MIN.
2
20
25
30
V/μs
t
gt
I
G = 2 x IGT PW = 15μs IT = 22.6 A(pk)
TYP.
3
3
3
5
μs


유사한 부품 번호 - Q6016LH651

제조업체부품명데이터시트상세설명
logo
Littelfuse
Q6016LH6 LITTELFUSE-Q6016LH6 Datasheet
182Kb / 10P
   Alternistor Triacs (6 A to 40 A)
logo
List of Unclassifed Man...
Q6016LH6 ETC2-Q6016LH6 Datasheet
188Kb / 10P
   Alternistor Triacs
More results

유사한 설명 - Q6016LH651

제조업체부품명데이터시트상세설명
logo
Littelfuse
Q4025K6TP LITTELFUSE-Q4025K6TP Datasheet
1,005Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q4025N5RP LITTELFUSE-Q4025N5RP Datasheet
320Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q6025J6TP LITTELFUSE-Q6025J6TP Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
E71639 LITTELFUSE-E71639 Datasheet
999Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Q6008DH3RP LITTELFUSE-Q6008DH3RP Datasheet
435Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
LJXX08XX LITTELFUSE-LJXX08XX Datasheet
497Kb / 8P
   8 Amp High Temperature Sensitive & Alternistor (High Commutation) Triacs
Q6040K7TP LITTELFUSE-Q6040K7TP Datasheet
741Kb / 7P
   Teccor짰 brand Thyristors 40 Amp Alternistor (High Commutation) Triacs
LJXX06XX LITTELFUSE-LJXX06XX Datasheet
554Kb / 8P
   6 Amp High Temp Sensitive & Alternistor (High Commutation) Triacs
Q6040J7TP LITTELFUSE-Q6040J7TP Datasheet
703Kb / 7P
   Teccor짰 brand Thyristors 40 Amp Alternistor (High Commutation) Triacs
Q4010N5RP LITTELFUSE-Q4010N5RP Datasheet
967Kb / 9P
   10 Amp Standard & Alternistor (High Communitation) Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com