전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CR2450 데이터시트(PDF) 1 Page - Panasonic Battery Group

부품명 CR2450
상세설명  Manganese Dioxide Lithium Coin Batteries: Individual Specifications
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONICBATTERY [Panasonic Battery Group]
홈페이지  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

CR2450 데이터시트(HTML) 1 Page - Panasonic Battery Group

  CR2450 Datasheet HTML 1Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AUGUST 2005
LITHIUM HANDBOOK
This information is generally descriptive only and is not intended to make or imply any representation, guarantee or warranty with respect to any cells and batteries. Cell and battery designs/specifications
are subject to modification without notice. Contact Panasonic for the latest information.
CR2477
24.5
+0
-0.3
22
Duration(h)
Load: 2.7k
(1060
µA)
Load
Load:
Cut-off voltage: 2.0V
0.3
0.03
0.003
10
100
1000
1000
800
600
400
200
0
(k
Ω)
(mA)
60˚C
20˚C
0˚C
■ Dimensions(mm)
Weight:10.5g
■ Specification
■ Temperature Characteristics
■ Operating voltage vs. load resistance (voltage at 50% discharge depth)
■ Capacity vs. load resistance
Nominal voltage (V)
Nominal capacity (mAh)
Continuous standard load (mA)
Operating temperature (C)
3
1,000
0.2
-30 ~ +60
Manganese Dioxide Lithium Coin Batteries: Individual Specifications
CR2450
0
200 400
600
800 1000 1200 1400 1600 180 0
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
: 6.8k
(420µA)
60˚C
20˚C
-10˚C
Duration (h)
Load
0.01
3.2
3.0
2.8
2.6
2.4
2.2
2.0
0.1
1.0
10
0.01
0.001
0.1
Load: (M )
(mA)
20˚C
0.5
700
600
500
400
300
200
100
0
1.0
10
100
0.1
0.2
2
0.3
0.1
1
0.05 0.03
:2.0V
Cut-off voltage
Load: (k )
(mA)
20˚C
5.0
+0
-0.3
24.5
+0
-0.3
22.0
■ Capacity vs. load resistance
■ Dimensions(mm)
■ Specification
■ Temperature Characteristics
■ Operating voltage vs. load resistance (voltage at 50% discharge depth)
Weight:6.3g
Nominal voltage (V)
Nominal capacity (mAh)
Continuous standard load (mA)
Operating temperature (C)
3
620
0.2
-30 ~ +60


유사한 부품 번호 - CR2450

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CR2450 ETC-CR2450 Datasheet
57Kb / 1P
Lithium / Manganese Dioxide (Li/MnO2 )
logo
Energizer
CR2450 ENERGIZER-CR2450 Datasheet
61Kb / 1P
3.0 Volts 6.9 grams (0.24 oz.) 2.4 cubic centimeters (0.14 cubic inch)
logo
Panasonic Semiconductor
CR2450 PANASONIC-CR2450 Datasheet
185Kb / 6P
Poly-carbonmonofluoride (BR Series) and Manganese Dioxide (CR Series)
logo
Dubilier
CR2450 DUBILIER-CR2450 Datasheet
67Kb / 1P
LITHIUM COIN CELL
CR2450 DUBILIER-CR2450 Datasheet
67Kb / 1P
LITHIUM COIN CELL
More results

유사한 설명 - CR2450

제조업체부품명데이터시트상세설명
logo
Panasonic Battery Group
CR-1632 PANASONICBATTERY-CR-1632 Datasheet
47Kb / 1P
Manganese Dioxide Lithium Coin Batteries: Individual Specifications
logo
Panasonic Semiconductor
CR2032 PANASONIC-CR2032 Datasheet
62Kb / 1P
Manganese Dioxide Lithium Coin Batteries : Individual Specifications
CR1632 PANASONIC-CR1632 Datasheet
47Kb / 1P
Manganese Dioxide Lithium Coin Batteries: Individual Specifications
logo
Panasonic Battery Group
CR1216 PANASONICBATTERY-CR1216 Datasheet
54Kb / 1P
Manganese Dioxide Lithium Coin Batteries: Individual Specifications
CR1616 PANASONICBATTERY-CR1616 Datasheet
52Kb / 1P
Manganese Dioxide Lithium Coin Batteries: Individual Specifications
CR1632 PANASONICBATTERY-CR1632 Datasheet
47Kb / 1P
Manganese Dioxide Lithium Coin Batteries: Individual Specifications
CR2025 PANASONICBATTERY-CR2025 Datasheet
47Kb / 1P
Manganese Dioxide Lithium Coin Batteries: Individual Specifications
CR2032 PANASONICBATTERY-CR2032 Datasheet
62Kb / 1P
Manganese Dioxide Lithium Coin Batteries: Individual Specifications
CR2354 PANASONICBATTERY-CR2354 Datasheet
63Kb / 1P
Manganese Dioxide Lithium Coin Batteries: Individual Specifications
CR3032 PANASONICBATTERY-CR3032 Datasheet
31Kb / 1P
Manganese Dioxide Lithium Coin Batteries: Individual Specifications
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com