전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WRA2412LS-3W 데이터시트(PDF) 1 Page - MORNSUN Science& Technology Ltd.

부품명 WRA2412LS-3W
상세설명  WIDE INPUT, ISOLATED & REGULATED DUAL OUTPUT DC/DC CONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MORNSUN [MORNSUN Science& Technology Ltd.]
홈페이지  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

WRA2412LS-3W 데이터시트(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  WRA2412LS-3W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. WRA2412LS-3W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice.
WRA_LS-3W
A/3-2012
Page 1 of 2
WRA_LS-3W Series
3W , WIDE INPUT, ISOLATED & REGULATED
DUAL OUTPUT DC/DC CONVERTER
Patent Protection
RoHS
FEATURES
PRODUCT PROGRAM
Input
Output
Voltage (VDC)
Current (mA)
Part
Number
Nominal
Range
Max*
Voltage
(VDC)
Max
Min
Efficiency
(%, Typ)
WRA2412LS-3W
±12
±125
±13
82
WRA2415LS-3W
24
18-36
40
±15
±100
±10
83
WRA4812LS-3W
±12
±125
±13
80
WRA4815LS-3W
48
36-72
80
±15
±100
±10
81
Note:
1.Models listed with strike-through text have been officially discontinued.
2.* Input voltage over it may cause permanent damage to the device.
3. The load shouldn't be less than 10%, otherwise ripple will increase dramatically.
4.Operation under 10% load will not damage the converter; However, they may not meet all specification
listed.
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min
Typ
Max
Units
Output power
Refer to products program
0.3
3
W
Positive voltage accuracy
Refer to recommended circuit
±1
±3
Negative voltage accuracy
Refer to recommended circuit
±3
±5
Load regulation*
From 10% to 100% load
±0.5
±1.0
Line regulation
Input voltage from low to high
±0.2
±0.5
%
Temperature drift (Vout)
Refer to recommended circuit
±0.03
%/
°C
Ripple & Noise**
20MHz Bandwidth
50
100
mVp-p
Switching Frequency
100% load, input voltage
300
KHz
*Dual output models unbalanced load:
±5%.
**Test ripple and noise by
“parallel cable” method. See detailed operation instructions at Testing of
Power Converter section, application notes.
ISOLATION SPECIFICATIONS
Item
Test conditions
Min
Typ
Max
Units
Isolation voltage
Tested for 1 minute and 1mA max
1500
VDC
Isolation resistance
Test at 500VDC
1000
M
Ω
Isolation Capacitance
Input/output, 100KHz/1V
80
PF
N
ote:
1. All specifications measured at TA=25
°C, humidity<75%, nominal input voltage and rated output
load unless otherwise specified.
2. See below recommended circuits for more details.
Wide (2:1) Input Range
I/0 Isolation 1500VDC
Operating Temperature: -40
°C to +85°C
Short Circuit Protection(automatic recovery)
External On/Off control
MTBF>1,000,000 hours
RoHS Compliance
APPLICATIONS
The WRA_LS-3W Series are specially designed
for applications where a wide range input voltage
power supplies are isolated from the input power
supply in a distributed power supply system on a
circuit board.
These products apply to:
1) Where the voltage of the input power supply is
wide range(voltage range
≤ 2:1);
2) Where isolation is necessary between input
and output(isolation voltage
≤1500VDC);
3) Where the regulation of the output voltage and
the output ripple noise are demanded.
MODEL SELECTION
WRA2412LS-3W
Product Ser ies
Input Voltage
Output Voltage
Package Style
Rated Power
MORNSUN Science & Technology co.,Ltd
Address: 2th floor 6th building, Huangzhou Industrial
District, Guangzhou, China
Tel: 86-20-38601850
Fax: 86-20-38601272
Http://www.mornsun-power.com


유사한 부품 번호 - WRA2412LS-3W

제조업체부품명데이터시트상세설명
logo
MORNSUN Science& Techno...
WRA2412LT-2W MORNSUN-WRA2412LT-2W Datasheet
150Kb / 3P
SINGLE/DUAL OUTPUT DC/DC CONVERTER
WRA2412LT-3W MORNSUN-WRA2412LT-3W Datasheet
114Kb / 3P
SINGLE/DUAL OUTPUT DC/DC CONVERTER
WRA2412LT-3W MORNSUN-WRA2412LT-3W Datasheet
270Kb / 3P
SINGLE/DUAL OUTPUT DC/DC CONVERTER
More results

유사한 설명 - WRA2412LS-3W

제조업체부품명데이터시트상세설명
logo
Microdc power Technolog...
WRA-YD-2W MICRODC-WRA-YD-2W Datasheet
484Kb / 3P
2W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA-YD-12W MICRODC-WRA-YD-12W Datasheet
1Mb / 3P
12W, WIDE INPUT, ISOLATED & REGULATED DUAL&SINGLE OUTPUT DC-DC CONVERTER
WRA-ZHD-3W MICRODC-WRA-ZHD-3W Datasheet
988Kb / 3P
3W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRB0503YD-2000 MICRODC-WRB0503YD-2000 Datasheet
673Kb / 4P
8W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
MORNSUN Science& Techno...
URE1D12LD-20WR3 MORNSUN-URE1D12LD-20WR3 Datasheet
3Mb / 8P
20W, Ultra wide input, isolated & regulated Dual output, DC/DC converter
VRB121DLD-20WR3 MORNSUN-VRB121DLD-20WR3 Datasheet
3Mb / 9P
20W,wide input isolated & regulated dual / single output DC/DC converter
logo
Toppower Electronic Tec...
TP785.5-10 TOPPOWER-TP785.5-10 Datasheet
214Kb / 2P
Wide Input&output Non-Isolated & Regulated DC/DC converter
logo
GAPTEC Electronic GmbH ...
1S8W-2RP GAPTEC-1S8W-2RP Datasheet
958Kb / 3P
1W - Dual/Single Output - Wide Input - Isolated & Regulated DC-DC Converter
1S8W-3RP GAPTEC-1S8W-3RP Datasheet
841Kb / 4P
1W - Dual/Single Output - Wide Input - Isolated & Regulated DC-DC Converter
2TC12W4 GAPTEC-2TC12W4 Datasheet
854Kb / 3P
2W - Single/Dual Output DC-DC Converter - Wide Input - Isolated & Regulated
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com