전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

J06B2B20X 데이터시트(PDF) 5 Page - List of Unclassifed Manufacturers

부품명 J06B2B20X
상세설명  Plug-In Outlet Center Units
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

J06B2B20X 데이터시트(HTML) 5 Page - List of Unclassifed Manufacturers

  J06B2B20X Datasheet HTML 1Page - List of Unclassifed Manufacturers J06B2B20X Datasheet HTML 2Page - List of Unclassifed Manufacturers J06B2B20X Datasheet HTML 3Page - List of Unclassifed Manufacturers J06B2B20X Datasheet HTML 4Page - List of Unclassifed Manufacturers J06B2B20X Datasheet HTML 5Page - List of Unclassifed Manufacturers J06B2B20X Datasheet HTML 6Page - List of Unclassifed Manufacturers J06B2B20X Datasheet HTML 7Page - List of Unclassifed Manufacturers J06B2B20X Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Catalog No./Item
Description/Specifications
UL100BC
Compact Plug-In Outlet Center –
UL100BD
Five outlets, 6' [1.8m] (UL100BC) or
15' [4.6m] (UL100BD)cord. Length
9 1/4" [235mm]. Receptacle center-
to-center 1 1/4" [32mm].
UL101BC
Compact Plug-In Outlet Center –
UL101BD
Four outlets, 6' [1.8m] (UL101BC) or
15' [4.6m] (UL101BD) cord. Length
9 1/4" [235mm].Receptacle center-
to-center1 1/4" [32mm].
UL104BC
Compact Plug-In Outlet Center –
UL104BD
Four outlets, lighted switch. 6' [1.8m]
(UL104BC) or 15' [4.6m] (104BD)
cord. Length 9 1/4" [235mm].
Receptacle center-to-
center 1 1/4" [32mm].
UL204BC
Compact Plug-In Outlet Center –
UL204BD
Seven outlets, lighted switch.
6' [1.8m] (UL204BC) or 15' [4.6m]
(UL204BD) cord. Length 13"
[330mm]. Receptacle center-to-
center 1 1/4" [32mm].
UL205BC
Compact Plug-In Outlet Center –
UL205BD
Eight outlets, 6' [1.8m] (UL205BC) or
15' [4.6m] (UL205BD)cord. Length
13" [330mm].Receptacle center-to-
center 1 1/4" [32mm].
UL206BC
Compact Plug-In Outlet Center –
UL206BD
Six outlets. 6' [1.8m] (UL206BC) or
15' [4.6m] (UL206BD)cord. Length
12 1/4" [311mm].Receptacle center-
to-center 1 1/4" [32mm].
Catalog No./Item
Description/Specifications
UL207BC
Compact Plug-In Outlet Center –
UL207BD
Six outlets, lighted switch. 6' [1.8m]
(UL207BC) or 15' [4.6m] (UL207BD)
cord. Length 12 1/4" [311mm].
Receptacle center-to-center
1 1/4" [32mm].
UL218BC
Compact Plug-In Outlet Center –
UL218BD
Eight outlets, lighted switch. 6'
[1.8m] (UL218BC) or 15' [4.6m]
(UL218BD)cord. Length 15"
[381mm]. Receptacle center-to-
center 1 1/4" [32mm].
UL210BC
Compact Plug-In Outlet Center –
UL210BD
Ten outlets, lighted switch.Putty
white finish. 6' [1.8m] (UL210BC) or 15'
[4.6m] (UL210BD) cord. Length 13"
[330mm]. Width 3 1/2" [89mm].
Receptacle center-to-center
1 15/16" [49mm].
UL1090BC
Compact Plug-In Outlet Center –
UL1090BD
Four outlets. Receptacles rotated 90°
and spaced to accommodate trans-
formers. 6' [1.8m] (UL1090BC) or 15'
[4.6m] (UL1090BD) cord. Length 16"
[406mm]. Receptacle center-to-center
3" [76mm].
R610/R612
Compact Plug-In Outlet Center –
Six outlets, lighted switch.Putty
white finish, 6' [1.8m] (R610) or 15'
[4.6m] (R612) cord. Length 12 1/4"
[311mm]. Receptacle center-to-
center 1 1/4" [32mm].
P6/P6-15
Compact Plug-In Outlet Center –
Six outlets, lighted switch.Putty
white finish, plastic housing. 6' [1.8m]
or 15' [4.6m] cord. Length 12"
[305mm]. Receptacle center-to-
center 1 1/4" [32mm].
Compact Plug-In Outlet Centers Ordering Information
j
j
j
j
j
j
j
j
j
j
j
u c


유사한 부품 번호 - J06B2B20X

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
J06B2B20X ETC2-J06B2B20X Datasheet
1Mb / 8P
Plug-In Outlet Center Units
More results

유사한 설명 - J06B2B20X

제조업체부품명데이터시트상세설명
logo
Cooper Bussmann, Inc.
SRX COOPER-SRX Datasheet
143Kb / 2P
Box Cover Units for Plug Fuses
logo
List of Unclassifed Man...
ULBH4-6 ETC2-ULBH4-6 Datasheet
1Mb / 8P
Plug-In Outlet Center Units
ISOBLOK2-0 ETC2-ISOBLOK2-0 Datasheet
533Kb / 4P
2-outlet, Direct Plug-in, 1410 joules Isobar Surge Suppressor- Direct plug-in surge, spike and line
SPIKECUBE ETC2-SPIKECUBE Datasheet
506Kb / 4P
1-outlet, Direct plug-in, 600 joule Surge Suppressor
SK10TG ETC2-SK10TG Datasheet
538Kb / 4P
1 Outlet, Direct Plug-In, 350 Joules, Timer - Protect It! Surge Suppressor
TLP31SAT ETC2-TLP31SAT Datasheet
545Kb / 5P
3 outlet - 2 fixed outlets, 1 rotating power outlet and rotating coax, Direct plug-in, 1080 Joules
ULTRAFAX ETC2-ULTRAFAX Datasheet
532Kb / 5P
2 outlet, Direct plug-in, 1410 joules, All-Metal Housing Isobar Surge Suppressor
logo
Winchester Electronics ...
260-910-0631G WINCHESTER-260-910-0631G Datasheet
67Kb / 1P
RDM PLUG, CRIMP CAPTIVE CENTER CONTACT
logo
Molex Electronics Ltd.
1301530140 MOLEX-1301530140 Datasheet
267Kb / 1P
IN-LINE GFCI WITH WATERTITE PLUG AND PORTABLE OUTLET BOX
2022/03/03
1301530221 MOLEX-1301530221 Datasheet
218Kb / 1P
20A. IN-LINE GFCI W/HUBBEL PLUG & PORTABLE OUTLET BOX
2022/03/03
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com