전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

J06B2B20X 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 J06B2B20X
상세설명  Plug-In Outlet Center Units
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

J06B2B20X 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  J06B2B20X Datasheet HTML 1Page - List of Unclassifed Manufacturers J06B2B20X Datasheet HTML 2Page - List of Unclassifed Manufacturers J06B2B20X Datasheet HTML 3Page - List of Unclassifed Manufacturers J06B2B20X Datasheet HTML 4Page - List of Unclassifed Manufacturers J06B2B20X Datasheet HTML 5Page - List of Unclassifed Manufacturers J06B2B20X Datasheet HTML 6Page - List of Unclassifed Manufacturers J06B2B20X Datasheet HTML 7Page - List of Unclassifed Manufacturers J06B2B20X Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
F E A T U R E S & B E N E F I T S
ED795 R10 – Updated February 2013 – For latest specs visit www.legrand.us/wiremold
Wiremold® Plug-In Outlet Center Units bring power
safely and conveniently to wherever you need it. These
units are ideal for use in a wide variety of settings,
including relay racks and cabinets, laboratories,
workshops, classrooms and offices.
Plug-In Outlet Center Units include rack mount,
Cabinet-MATE, compact, 90 degree, deluxe control,
industrial, and international units. Most units are
available in both 15 and 20 Amp configurations.
Wiremold also offers extensive custom capabilities
for Plug-In Outlet Center Units. Contact the factory for
more information.
Plug-In Outlet Center® Units
■ User-ready outlets. Plug-In Outlet Center units provide
power distribution in a portable, plug-in unit.
■ Rugged construction. Durable 2" x 1 3/4" [44mm x 51mm]
or 3 1/2" x 2" [89mm x 44mm] aluminum housing. Some
Plug-In Outlet Center units are available with an impact-
resistant plastic housing.
■ Space saving. Rack mount units fit standard 19" [482mm]
relay racks. Compact 1U design takes up minimum space.
23" [584mm] units available, consult factory.
■ Low profile. CabinetMATE units offer a narrow 1 1/2"
x 1 3/16" [38mm x 20mm] aluminum housing.
■ Aesthetically pleasing. Rack mount units have a black
matte finish and a black cord. CabinetMATE, compact
and industrial units have a gray finish and a black cord.
Deluxe control and 20A units have a putty white finish
and a black cord. Most units with a putty white finish
have a putty white cord. Special Use units have a
white finish and a white cord.
■ Flexible mounting. Each unit features one of four
different mounting types. Each mounting method has
been designed to optimize the performance of the
product. Complete mounting hardware and installation
instructions are included with every unit.
■ Cord properly rated to load requirements. 15A units
have a 14/3 SJT cord and a NEMA 5-15P plug. 20A
units have a 12/3 SJT cord and a NEMA 5-20P or
NEMA L5-20P plug.
■ Lighted switch. Most units have lighted on/off
switch(es) to control power to the unit.
■ Resettable circuit breaker. Provides overload protection.
■ Two-Year product warranty.
■ UL and cUL Listed or Recognized. Units are UL and cUL
Listed to UL1363 standards. Rack mount units are UL and
cUL Recognized to UL1363 standards.
Plug-In Outlet
Center
® Units
J08B0B (Front & Back)
UL207BC
J06BOB20X-AM (Front)
P6


유사한 부품 번호 - J06B2B20X

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
J06B2B20X ETC2-J06B2B20X Datasheet
1Mb / 8P
Plug-In Outlet Center Units
More results

유사한 설명 - J06B2B20X

제조업체부품명데이터시트상세설명
logo
Cooper Bussmann, Inc.
SRX COOPER-SRX Datasheet
143Kb / 2P
Box Cover Units for Plug Fuses
logo
List of Unclassifed Man...
ULBH4-6 ETC2-ULBH4-6 Datasheet
1Mb / 8P
Plug-In Outlet Center Units
ISOBLOK2-0 ETC2-ISOBLOK2-0 Datasheet
533Kb / 4P
2-outlet, Direct Plug-in, 1410 joules Isobar Surge Suppressor- Direct plug-in surge, spike and line
SPIKECUBE ETC2-SPIKECUBE Datasheet
506Kb / 4P
1-outlet, Direct plug-in, 600 joule Surge Suppressor
SK10TG ETC2-SK10TG Datasheet
538Kb / 4P
1 Outlet, Direct Plug-In, 350 Joules, Timer - Protect It! Surge Suppressor
TLP31SAT ETC2-TLP31SAT Datasheet
545Kb / 5P
3 outlet - 2 fixed outlets, 1 rotating power outlet and rotating coax, Direct plug-in, 1080 Joules
ULTRAFAX ETC2-ULTRAFAX Datasheet
532Kb / 5P
2 outlet, Direct plug-in, 1410 joules, All-Metal Housing Isobar Surge Suppressor
logo
Winchester Electronics ...
260-910-0631G WINCHESTER-260-910-0631G Datasheet
67Kb / 1P
RDM PLUG, CRIMP CAPTIVE CENTER CONTACT
logo
Molex Electronics Ltd.
1301530140 MOLEX-1301530140 Datasheet
267Kb / 1P
IN-LINE GFCI WITH WATERTITE PLUG AND PORTABLE OUTLET BOX
2022/03/03
1301530221 MOLEX-1301530221 Datasheet
218Kb / 1P
20A. IN-LINE GFCI W/HUBBEL PLUG & PORTABLE OUTLET BOX
2022/03/03
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com