전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7751PBF 데이터시트(PDF) 3 Page - International Rectifier

부품명 IRF7751PBF
상세설명  Ultra Low On-Resistance
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7751PBF 데이터시트(HTML) 3 Page - International Rectifier

  IRF7751PBF Datasheet HTML 1Page - International Rectifier IRF7751PBF Datasheet HTML 2Page - International Rectifier IRF7751PBF Datasheet HTML 3Page - International Rectifier IRF7751PBF Datasheet HTML 4Page - International Rectifier IRF7751PBF Datasheet HTML 5Page - International Rectifier IRF7751PBF Datasheet HTML 6Page - International Rectifier IRF7751PBF Datasheet HTML 7Page - International Rectifier IRF7751PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRF7751PbF
www.irf.com
3
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
-60 -40 -20 0
20 40 60 80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
-10V
-4.5A
0.1
1
10
100
2.0
3.0
4.0
5.0
6.0
V
= -15V
20µs PULSE WIDTH
DS
-V
, Gate-to-Source Voltage (V)
GS
T = 25 C
J
°
T = 150 C
J
°
0.1
1
10
100
-VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
-2.7V
20µs PULSE WIDTH
Tj = 25°C
VGS
TOP
-10.0V
-7.0V
-5.5V
-4.5V
-4.0V
-3.5V
-3.0V
BOTTOM -2.7V
0.1
1
10
100
-VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
-2.7V
20µs PULSE WIDTH
Tj = 150°C
VGS
TOP
-10.0V
-7.0V
-5.5V
-4.5V
-4.0V
-3.5V
-3.0V
BOTTOM -2.7V


유사한 부품 번호 - IRF7751PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7751 IRF-IRF7751 Datasheet
162Kb / 8P
Power MOSFET(Vdss=-30V)
IRF7751GPBF IRF-IRF7751GPBF Datasheet
241Kb / 8P
HEXFET짰 Power MOSFET Ultra Low On-Resistance
logo
VBsemi Electronics Co.,...
IRF7751GTRPBF VBSEMI-IRF7751GTRPBF Datasheet
1Mb / 6P
Dual P-Channel 30-V (D-S) MOSFET
More results

유사한 설명 - IRF7751PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
Ultra Low On-Resistance
logo
International Rectifier
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com