전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7751PBF 데이터시트(PDF) 4 Page - International Rectifier

부품명 IRF7751PBF
상세설명  Ultra Low On-Resistance
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7751PBF 데이터시트(HTML) 4 Page - International Rectifier

  IRF7751PBF Datasheet HTML 1Page - International Rectifier IRF7751PBF Datasheet HTML 2Page - International Rectifier IRF7751PBF Datasheet HTML 3Page - International Rectifier IRF7751PBF Datasheet HTML 4Page - International Rectifier IRF7751PBF Datasheet HTML 5Page - International Rectifier IRF7751PBF Datasheet HTML 6Page - International Rectifier IRF7751PBF Datasheet HTML 7Page - International Rectifier IRF7751PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRF7751PbF
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
10
20
30
40
0
2
4
6
8
10
12
14
Q , Total Gate Charge (nC)
G
I =
D -4.5A
V
=-15V
DS
V
=-24V
DS
0.1
1
10
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 25 C
J
°
T = 150 C
J
°
0.1
1
10
100
0.1
1
10
100
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 150 C
= 25 C
°
°
J
C
-V
, Drain-to-Source Voltage (V)
DS
10us
100us
1ms
10ms
1
10
100
0
800
1600
2400
3200
4000
-V
, Drain-to-Source Voltage (V)
DS
V
C
C
C
=
=
=
=
0V,
C
C
C
f = 1MHz
+ C
+ C
C
SHORTED
GS
iss
gs
gd ,
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss


유사한 부품 번호 - IRF7751PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7751 IRF-IRF7751 Datasheet
162Kb / 8P
Power MOSFET(Vdss=-30V)
IRF7751GPBF IRF-IRF7751GPBF Datasheet
241Kb / 8P
HEXFET짰 Power MOSFET Ultra Low On-Resistance
logo
VBsemi Electronics Co.,...
IRF7751GTRPBF VBSEMI-IRF7751GTRPBF Datasheet
1Mb / 6P
Dual P-Channel 30-V (D-S) MOSFET
More results

유사한 설명 - IRF7751PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
Ultra Low On-Resistance
logo
International Rectifier
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
ULTRA LOW ON RESISTANCE
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
Ultra Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com