전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

7201LA20DB 데이터시트(PDF) 10 Page - Integrated Device Technology

부품명 7201LA20DB
상세설명  CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

7201LA20DB 데이터시트(HTML) 10 Page - Integrated Device Technology

Back Button 7201LA20DB Datasheet HTML 6Page - Integrated Device Technology 7201LA20DB Datasheet HTML 7Page - Integrated Device Technology 7201LA20DB Datasheet HTML 8Page - Integrated Device Technology 7201LA20DB Datasheet HTML 9Page - Integrated Device Technology 7201LA20DB Datasheet HTML 10Page - Integrated Device Technology 7201LA20DB Datasheet HTML 11Page - Integrated Device Technology 7201LA20DB Datasheet HTML 12Page - Integrated Device Technology 7201LA20DB Datasheet HTML 13Page - Integrated Device Technology 7201LA20DB Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
COMMERCIAL,INDUSTRIALANDMILITARY
TEMPERATURERANGES
IDT7201L/7201LA/7202LA CMOS ASYNCHRONOUS FIFO
256 x 9, 512 x 9 and 1,024 x 9
USAGE MODES:
WIDTH EXPANSION
Word width may be increased simply by connecting the corresponding
inputcontrolsignalsofmultipledevices. Statusflags(EF,FFandHF)canbe
detectedfromanyonedevice. Figure13demonstratesan18-bitwordwidth
by using two IDT7200/7201A/7202As. Any word width can be attained by
adding additional IDT7200/7201A/7202As (Figure 13).
BIDIRECTIONAL OPERATION
Applications which require data buffering between two systems (each
system capable of Read and Write operations) can be achieved by pairing
IDT7200/7201A/7202As as shown in Figure 16. Both Depth Expansion and
Width Expansion may be used in this mode.
DATA FLOW-THROUGH
Two types of flow-through modes are permitted, a read flow-through
and write flow-through mode. For the read flow-through mode (Figure 17),
theFIFOpermitsareadingofasinglewordafterwritingonewordofdatainto
anemptyFIFO. Thedataisenabledonthebusin(tWEF+tA)nsaftertherising
edgeofW,calledthefirstwriteedge,anditremainsonthebusuntiltheRline
is raised from LOW-to-HIGH, after which the bus would go into a three-state
mode after tRHZ ns. The EF line would have a pulse showing temporary
deassertion and then would be asserted.
In the write flow-through mode (Figure 18), the FIFO permits the writing
of a single word of data immediately after reading one word of data from a
fullFIFO. TheRlinecausestheFFtobedeassertedbuttheWlinebeingLOW
causesittobeassertedagaininanticipationofanewdataword. Ontherising
edge of W, the new word is loaded in the FIFO. The W line must be toggled
whenFFisnotassertedtowritenewdataintheFIFOandtoincrementthewrite
pointer.
COMPOUND EXPANSION
The two expansion techniques described above can be applied together
in a straightforward manner to achieve large FIFO arrays (see Figure 15).
Figure 13. Block Diagram of 256 x 18, 512 x 18, 1,024 x 18 FIFO Memory Used in Width Expansion Mode
Figure 12. Block Diagram of Single 256 x 9, 512 x 9, 1,024 x 9 FIFO
WRITE (
W)
DATA IN (D)
FULL FLAG (
FF)
RESET (
RS)
9
READ (
R)
9
DATA OUT (Q)
EMPTY FLAG (
EF)
RETRANSMIT (
RT)
EXPANSION IN (
XI)
(
HF)
IDT
7200/
7201A/
7202A
(HALF-FULL FLAG)
2679 drw 14
IDT
7200/
7201A/
7202A
XI
XI
99
18
9
18
HF
HF
9
DATA
WRITE (
W)
FULL FLAG (
FF)
RESET (
RS)
(D)
IN
READ (
R)
EMPTY FLAG (
EF)
RETRANSMIT (
RT)
DATA OUT (Q)
IDT
7200/
7201A/
7202A
2679 drw 15


유사한 부품 번호 - 7201LA20DB

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
7201LA20TP IDT-7201LA20TP Datasheet
313Kb / 14P
   First-In/First-Out dual-port memory
More results

유사한 설명 - 7201LA20DB

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7202 IDT-IDT7202 Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
Integrated Device Techn...
IDT7280 IDT-IDT7280 Datasheet
154Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
IDT7280 IDT-IDT7280 Datasheet
142Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
IDT72V201 IDT-IDT72V201 Datasheet
115Kb / 14P
   3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
IDT72V81 IDT-IDT72V81 Datasheet
98Kb / 11P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9
IDT72V81 IDT-IDT72V81_09 Datasheet
125Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 DUAL 8,192 X 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com