전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BB152_2015 데이터시트(PDF) 5 Page - Quanzhou Jinmei Electronic Co.,Ltd.

부품명 BB152_2015
상세설명  VHF variable capacitance diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
홈페이지  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BB152_2015 데이터시트(HTML) 5 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BB152_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BB152_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BB152_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BB152_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BB152_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BB152_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BB152_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2004 Feb 25
5
Philips Semiconductors
Product specification
VHF variable capacitance diode
BB152
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOD323
SC-76
SOD323
99-09-13
03-12-17
Note
1. The marking bar indicates the cathode
UNIT
A
mm
0.05
1.1
0.8
0.40
0.25
0.25
0.10
1.8
1.6
1.35
1.15
2.7
2.3
0.45
0.15
A1
max
DIMENSIONS (mm are the original dimensions)
Plastic surface mounted package; 2 leads
01
(1)
2
1
2 mm
scale
bp
c
D
E
HD
Q
0.25
0.15
Lp
v
0.2
A
D
A
E
Lp
bp
detail X
A1
c
Q
HD
vA
M
X


유사한 부품 번호 - BB152_2015

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BB152 NXP-BB152_04 Datasheet
58Kb / 7P
VHF variable capacitance diode
2004 Feb 25
logo
Quanzhou Jinmei Electro...
BB152 JMNIC-BB152_15 Datasheet
58Kb / 7P
VHF variable capacitance diode
More results

유사한 설명 - BB152_2015

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BB132 PHILIPS-BB132 Datasheet
54Kb / 8P
VHF variable capacitance diode
1998 Sep 15
BB148 PHILIPS-BB148 Datasheet
54Kb / 8P
VHF variable capacitance diode
1998 Sep 15
BB157 PHILIPS-BB157 Datasheet
59Kb / 8P
VHF variable capacitance diode
2002 Mar 05
BB181 NXP-BB181 Datasheet
226Kb / 6P
VHF variable capacitance diode
Rev. 02-2 January 2008
BB182LX NXP-BB182LX Datasheet
57Kb / 7P
VHF variable capacitance diode
Rev. 01-29 January 2009
logo
Quanzhou Jinmei Electro...
BBY40_2015 JMNIC-BBY40_2015 Datasheet
35Kb / 4P
VHF variable capacitance diode
logo
NXP Semiconductors
BB170 PHILIPS-BB170_15 Datasheet
93Kb / 8P
VHF variable capacitance diode
Rev. 1-25 March 2013
BB187LX PHILIPS-BB187LX_15 Datasheet
57Kb / 7P
VHF variable capacitance diode
Rev. 01-19 February 2009
logo
Quanzhou Jinmei Electro...
BB152 JMNIC-BB152_15 Datasheet
58Kb / 7P
VHF variable capacitance diode
logo
NXP Semiconductors
BB173 NXP-BB173 Datasheet
86Kb / 8P
VHF variable capacitance diode
Rev. 1-25 March 2013
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com