전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC81410NSZ0F 데이터시트(PDF) 1 Page - Sharp Corporation

부품명 PC81410NSZ0F
상세설명  DIP 4pin High CMR, AC Input, Low Input Current Photocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHARP [Sharp Corporation]
홈페이지  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC81410NSZ0F 데이터시트(HTML) 1 Page - Sharp Corporation

  PC81410NSZ0F Datasheet HTML 1Page - Sharp Corporation PC81410NSZ0F Datasheet HTML 2Page - Sharp Corporation PC81410NSZ0F Datasheet HTML 3Page - Sharp Corporation PC81410NSZ0F Datasheet HTML 4Page - Sharp Corporation PC81410NSZ0F Datasheet HTML 5Page - Sharp Corporation PC81410NSZ0F Datasheet HTML 6Page - Sharp Corporation PC81410NSZ0F Datasheet HTML 7Page - Sharp Corporation PC81410NSZ0F Datasheet HTML 8Page - Sharp Corporation PC81410NSZ0F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PC8141xNSZ0F
Series
1. Recognized by UL1577 (Double protection isolation),
file No. E64380 (as model No. PC8141)
2. Package resin : UL flammability grade (94V-0)
■ Features
■ Agency approvals/Compliance
1. Programmable controllers
2. Facsimiles
3. Telephones
■ Applications
DIP 4pin High CMR,
AC Input, Low Input Current
Photocoupler
1. 4-pin DIP package
2. Double transfer mold package (Ideal for Flow Solder-
ing)
3. AC input type
4. Low input current type (IF=±0.5mA)
5. High collector-emitter voltage (VCEO : 80V)
6. High noise immunity due to high common rejection
voltage (CMR : MIN. 10kV/µs)
7. High isolation voltage between input and output
(Viso(rms) : 5.0 kV)
8. Lead-free and RoHS directive compliant
■ Description
PC8141xNSZ0F Series contains an IRED optically
coupled to a phototransistor.
It is packaged in a 4-pin DIP, available in SMT gullw-
ing lead-form option.
Input-output isolation voltage(rms) is 5.0kV.
Collector-emitter voltage is 80V, CTR is 50% to
600% at input current of ±0.5mA and CMR is MIN.
10kV/µs.
1
Sheet No.: D2-A03702EN
Date Jun. 30. 2005
© SHARP Corporation
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
PC8141xNSZ0F Series


유사한 부품 번호 - PC81410NSZ0F

제조업체부품명데이터시트상세설명
logo
Sharp Corporation
PC81410NSZ SHARP-PC81410NSZ Datasheet
62Kb / 5P
AC Input, Low Input Current Type Photocoupler
More results

유사한 설명 - PC81410NSZ0F

제조업체부품명데이터시트상세설명
logo
Sharp Corporation
PC814X1J000F SHARP-PC814X1J000F Datasheet
272Kb / 14P
DIP 4pin AC Input Photocoupler
PC81510NSZ0F SHARP-PC81510NSZ0F Datasheet
292Kb / 11P
DIP 4pin Darlington Phototransistor Output, Low Input Current Photocoupler
PC81710NSZ0F SHARP-PC81710NSZ0F Datasheet
230Kb / 14P
DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC81711NIP0F SHARP-PC81711NIP0F Datasheet
230Kb / 14P
DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC12311NSZ0F SHARP-PC12311NSZ0F Datasheet
491Kb / 16P
DIP 4pin Reinforced Insulation Type, High CMR, Low Input Current Photocoupler
PC81710NIP0F SHARP-PC81710NIP0F Datasheet
230Kb / 14P
DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC81713NSZ0F SHARP-PC81713NSZ0F Datasheet
230Kb / 14P
DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC814XP SHARP-PC814XP Datasheet
235Kb / 14P
DIP 4pin AC Input Photocoupler
PC81510NSZ SHARP-PC81510NSZ Datasheet
178Kb / 11P
DIP 4pin Darlington Phototransistor Output, Low Input Current Photocoupler
logo
COSMO Electronics Corp...
KPS28010Z COSMO-KPS28010Z_15 Datasheet
220Kb / 10P
4PIN SSOP LOW INPUT CURRENT PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com