전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC81410NSZ0F 데이터시트(PDF) 2 Page - Sharp Corporation

부품명 PC81410NSZ0F
상세설명  DIP 4pin High CMR, AC Input, Low Input Current Photocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHARP [Sharp Corporation]
홈페이지  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC81410NSZ0F 데이터시트(HTML) 2 Page - Sharp Corporation

  PC81410NSZ0F Datasheet HTML 1Page - Sharp Corporation PC81410NSZ0F Datasheet HTML 2Page - Sharp Corporation PC81410NSZ0F Datasheet HTML 3Page - Sharp Corporation PC81410NSZ0F Datasheet HTML 4Page - Sharp Corporation PC81410NSZ0F Datasheet HTML 5Page - Sharp Corporation PC81410NSZ0F Datasheet HTML 6Page - Sharp Corporation PC81410NSZ0F Datasheet HTML 7Page - Sharp Corporation PC81410NSZ0F Datasheet HTML 8Page - Sharp Corporation PC81410NSZ0F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
■ Internal Connection Diagram
Anode/Cathode
Cathode/Anode
Emitter
Collector
1
1
2
3
4
2
4
3
2
Sheet No.: D2-A03702EN
■ Outline Dimensions
(Unit : mm)
1. Through-Hole [ex. PC8141xNSZ0F]
2. SMT Gullwing Lead-Form [ex. PC8141xNIZ0F]
Plating material : SnCu (Cu : TYP. 2%)
Product mass : approx. 0.22g
Product mass : approx. 0.23g
6.5
±0.5
7.62
±0.3
4.58
±0.5
θ
θ
θ : 0 to 13˚
Epoxy resin
0.26
±0.1
1
2
4
3
Primary side
mark
Rank mark
Factory identification mark
Date code
8141
0.5
±0.1
6.5
±0.5
7.62
±0.3
4.58
±0.5
2.54
±0.25
Epoxy resin
4
3
Rank mark
Factory identification mark
1.0
+0.4
−0
1.0
+0.4
−0
10.0
+0
−0.5
1
2
Primary side
mark
Date code
8141
PC8141xNSZ0F Series


유사한 부품 번호 - PC81410NSZ0F

제조업체부품명데이터시트상세설명
logo
Sharp Corporation
PC81410NSZ SHARP-PC81410NSZ Datasheet
62Kb / 5P
AC Input, Low Input Current Type Photocoupler
More results

유사한 설명 - PC81410NSZ0F

제조업체부품명데이터시트상세설명
logo
Sharp Corporation
PC814X1J000F SHARP-PC814X1J000F Datasheet
272Kb / 14P
DIP 4pin AC Input Photocoupler
PC81510NSZ0F SHARP-PC81510NSZ0F Datasheet
292Kb / 11P
DIP 4pin Darlington Phototransistor Output, Low Input Current Photocoupler
PC81710NSZ0F SHARP-PC81710NSZ0F Datasheet
230Kb / 14P
DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC81711NIP0F SHARP-PC81711NIP0F Datasheet
230Kb / 14P
DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC12311NSZ0F SHARP-PC12311NSZ0F Datasheet
491Kb / 16P
DIP 4pin Reinforced Insulation Type, High CMR, Low Input Current Photocoupler
PC81710NIP0F SHARP-PC81710NIP0F Datasheet
230Kb / 14P
DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC81713NSZ0F SHARP-PC81713NSZ0F Datasheet
230Kb / 14P
DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC814XP SHARP-PC814XP Datasheet
235Kb / 14P
DIP 4pin AC Input Photocoupler
PC81510NSZ SHARP-PC81510NSZ Datasheet
178Kb / 11P
DIP 4pin Darlington Phototransistor Output, Low Input Current Photocoupler
logo
COSMO Electronics Corp...
KPS28010Z COSMO-KPS28010Z_15 Datasheet
220Kb / 10P
4PIN SSOP LOW INPUT CURRENT PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com