전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ICS1892Y 데이터시트(PDF) 129 Page - Integrated Circuit Systems

부품명 ICS1892Y
상세설명  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ICST [Integrated Circuit Systems]
홈페이지  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892Y 데이터시트(HTML) 129 Page - Integrated Circuit Systems

Back Button ICS1892Y Datasheet HTML 125Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 126Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 127Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 128Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 129Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 130Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 131Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 132Page - Integrated Circuit Systems ICS1892Y Datasheet HTML 133Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 148 page
background image
Chapter 10
DC and AC Operating Conditions
ICS1892, Rev. D, 2/26/01
February 26, 2001
129
ICS1892
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
10.5.6
MII / 100M Stream Interface: Synchronous Receive Timing
Table 10-13 lists the significant time periods for the MII / 100M Stream Interface synchronous receive
timing (which consists of timings of signals on the RXD[3:0], RXDV, RXER, and RXCLK pins). Figure 10-6
shows the timing diagram for the time periods.
Figure 10-6.
MII / 100M Stream Interface Synchronous Receive Timing Diagram
Table 10-13.
MII / 100M Stream Interface: Synchronous Receive Timing
Time
Period
Parameter
Conditions
Min.
Typ.
Max.
Units
t1
RXD[3:0], RXDV, RXER Setup to RXCLK Rise
–
10.0
–
–
ns
t2
RXD[3:0], RXDV, RXER Hold after RXCLK Rise
–
10.0
–
–
ns
t1
t2
RXCLK
RXD[3:0]
RXEN
RXER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More