| 전자부품 데이터시트 검색엔진 |
|
ICS1893 데이터시트(PDF) 147 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1893 데이터시트(HTML) 147 Page - Integrated Circuit Systems |
|
147 / 152 page ![]() Chapter 10 DC and AC Operating Conditions ICS1893 Rev C 6/6/00 June, 2000 147 ICS1893 - Release Copyright © 2000, Integrated Circuit Systems, Inc. All rights reserved. 10.5.21 10Base-T: Normal Link Pulse Timing Table 10-28 lists the significant time periods for the 10Base-T Normal Link Pulse (which consists of timings of signals on the TP_TXP pins). Figure 10-22 shows the timing diagram for the time periods. Figure 10-22. 10Base-T Normal Link Pulse Timing Diagram Table 10-28. 10Base-T Normal Link Pulse Timing Time Period Parameter Conditions Min. Typ. Max. Units t1 Normal Link Pulse Width 10Base-T – 100 – ns t2 Normal Link Pulse to Normal Link Pulse Period 10Base-T 8 20 25 ms t1 t2 TP_TXP |