전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IDT72131 데이터시트(PDF) 11 Page - Integrated Device Technology

부품명 IDT72131
상세설명  CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72131 데이터시트(HTML) 11 Page - Integrated Device Technology

Back Button IDT72131 Datasheet HTML 5Page - Integrated Device Technology IDT72131 Datasheet HTML 6Page - Integrated Device Technology IDT72131 Datasheet HTML 7Page - Integrated Device Technology IDT72131 Datasheet HTML 8Page - Integrated Device Technology IDT72131 Datasheet HTML 9Page - Integrated Device Technology IDT72131 Datasheet HTML 10Page - Integrated Device Technology IDT72131 Datasheet HTML 11Page - Integrated Device Technology IDT72131 Datasheet HTML 12Page - Integrated Device Technology IDT72131 Datasheet HTML 13Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
5.34
11
IDT72131, IDT72141
CMOS PARALLEL-TO-SERIAL FIFO 2048 x 9 & 4096 x 9
COMMERCIAL TEMPERATURE RANGES
Width Expansion Configuration
In the cascaded case, word widths of more than 9 bits can
be achieved by using more than one device. By tying the SOX
line of the least significant device HIGH and the SOX of the
subsequent devices to the appropriate Data Set lines of the
previous devices, a cascaded serial word is achieved.
On the first LOW-to-HIGH clock edge of SOCP, all lines go
LOW. Just as in the standalone case, on each corresponding
clock cycle, the equivalent Data Set line goes HIGH in order
of least to most significant. When the Data Set line which is
connected to the SOX input of the next device goes HIGH, the
D0 of that device goes HIGH, the cascading from one device
to the next. The Data Set line of the most significant bit
programs the serial word width by being connected to all NR
inputs.
The Serial Data Output (SO) of each device in the serial
word must be tied together. Since the SO pin is three stated,
only the device which is currently shifting out is enabled and
driving the 1-bit-bus.
2751 drw 16
SOCP
V CC
0
Q OF FIFO #1 AND
SOX OF FIFO #2
8
SOCP
SOX
SERIAL OUTPUT CLOCK
XI
SERIAL DATA
OUTPUT
GND
PARALLEL DATA IN
16-BITS WIDE
D 0-8
NR
Q 8
SO
FIFO #1
SOCP
SOX
XI
D 0-6
NR
Q6
SO
FIFO #2
GND
1
7
8
9
101415
0
Q6 OF FIFO #2 AND
NR OF FIFO #1 AND
FIFO #2
9
7
Figure 13. Width Wxpansion for 16-bit Parallel Data In. The Parallel Data In is tied to D0-8 of FIFO #1 and D0-6 of FIFO #2.


유사한 부품 번호 - IDT72131

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
IDT72132 IDT-IDT72132 Datasheet
137Kb / 13P
   CMOS SERIAL-TO-PARALLEL FIFO 2048 x 9 4096 x 9
IDT72132L35P IDT-IDT72132L35P Datasheet
137Kb / 13P
   CMOS SERIAL-TO-PARALLEL FIFO 2048 x 9 4096 x 9
IDT72132L50P IDT-IDT72132L50P Datasheet
137Kb / 13P
   CMOS SERIAL-TO-PARALLEL FIFO 2048 x 9 4096 x 9
More results

유사한 설명 - IDT72131

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
IDT72132 IDT-IDT72132 Datasheet
137Kb / 13P
   CMOS SERIAL-TO-PARALLEL FIFO 2048 x 9 4096 x 9
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
IDT7203 IDT-IDT7203 Datasheet
147Kb / 14P
   CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
logo
Sharp Corporation
LH540204 SHARP-LH540204 Datasheet
156Kb / 18P
   CMOS 4096 x 9 Asynchronous FIFO
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
   CMOS 2048 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
   CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
logo
Sharp Corporation
LH5493 SHARP-LH5493 Datasheet
839Kb / 16P
   4K x 9 Parallel-to Serial FIFO
logo
List of Unclassifed Man...
HM63921 ETC-HM63921 Datasheet
17Kb / 2P
   2048-word x 9-bit CMOS Parallel In-Out FIFO Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com