전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADE7569 데이터시트(PDF) 119 Page - Analog Devices

부품명 ADE7569
상세설명  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADE7569 데이터시트(HTML) 119 Page - Analog Devices

Back Button ADE7569_15 Datasheet HTML 115Page - Analog Devices ADE7569_15 Datasheet HTML 116Page - Analog Devices ADE7569_15 Datasheet HTML 117Page - Analog Devices ADE7569_15 Datasheet HTML 118Page - Analog Devices ADE7569_15 Datasheet HTML 119Page - Analog Devices ADE7569_15 Datasheet HTML 120Page - Analog Devices ADE7569_15 Datasheet HTML 121Page - Analog Devices ADE7569_15 Datasheet HTML 122Page - Analog Devices ADE7569_15 Datasheet HTML 123Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 152 page
background image
ADE7116/ADE7156/ADE7166/ADE7169/ADE7566/ADE7569
Rev. B | Page 119 of
152
In either case, if Timer 2 is used to generate the baud rate, the TF2
interrupt flag does not occur. Therefore, Timer 2 interrupts do not
occur and do not have to be disabled. In this mode, the EXF2 flag
can, however, still cause interrupts that can be used as a third
external interrupt. Baud rate generation is described as part of the
UART serial port operation in the UART Serial Interface section.
TR2
CONTROL
TL2
(8 BITS)
TH2
(8 BITS)
RELOAD
TF2
EXF2
TIMER
INTERRUPT
EXEN2
CONTROL
TRANSITION
DETECTOR
RCAP2L
RCAP2H
C/ T2 = 0
P1.4/T2
P1.3/
T2EX
C/ T2 = 1
fCORE
Figure 101. Timer/Counter 2, 16-Bit Autoreload Mode
TF2
P1.4/T2
P1.3/
T2EX
TR2
CONTROL
TL2
(8 BITS)
TH2
(8 BITS)
CAPTURE
EXF2
TIMER
INTERRUPT
EXEN2
CONTROL
TRANSITION
DETECTOR
RCAP2L
RCAP2H
C/ T2 = 1
C/ T2 = 0
fCORE
Figure 102. Timer/Counter 2, 16-Bit Capture Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More