전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AO6804A-HF 데이터시트(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

부품명 AO6804A-HF
상세설명  Dual N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
홈페이지  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

AO6804A-HF 데이터시트(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  AO6804A-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd AO6804A-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd AO6804A-HF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd AO6804A-HF Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
Electrical Characteristics Ta = 25℃
* The static characteristics in Figures 1 to 6 are obtained using <300us pulses, duty cycle 0.5% max.
Marking
Marking
84** F
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=250μA, VGS=0V
20
Gate-Source breakdown voltage
BVGSO
VDS=0V, IG=±250uA
±12
VDS=20V, VGS=0V
1
VDS=20V, VGS=0V, TJ=55℃
5
Gate-Body Leakage Current
IGSS
VDS=0V, VGS=±10V
±
10
uA
Gate Threshold Voltage
VGS(th)
VDS=VGS , ID=250 uA
0.5
1
V
VGS=4.5V, ID=5A
28
VGS=4.5V, ID=5A TJ=125℃
40
VGS=4V, ID=4.5A
30
VGS=3.1V, ID=4.5A
34
VGS=2.5V, ID=4A
39
On State Drain Current
ID(ON)
VGS=4.5V, VDS=5V
25
A
Forward Transconductance
gFS
VDS=5V, ID=5A
18
S
Input Capacitance
Ciss
180
225
Output Capacitance
Coss
95
Reverse Transfer Capacitance
Crss
18
Gate Resistance
Rg
VGS=0V, VDS=0V, f=1MHz
2.7
4
Total Gate Charge
Qg
5.6
7.5
Gate Source Charge
Qgs
0.85
Gate Drain Charge
Qgd
1.7
Turn-On DelayTime
td(on)
172
Turn-On Rise Time
tr
368
Turn-Off DelayTime
td(off)
2.94
Turn-Off Fall Time
tf
2.5
Body Diode Reverse Recovery Time
trr
32
43
nS
Body Diode Reverse Recovery Charge
Qrr
3.2
nC
Maximum Body-Diode Continuous Current
IS
1.3
A
Diode Forward Voltage
VSD
IS=1A,VGS=0V
1
V
V
ns
us
Zero Gate Voltage Drain Current
IDSS
uA
RDS(On)
Static Drain-Source On-Resistance
VGS=10V, VDS=10V, RL=2Ω,RG=3Ω
IF= 5A, dI/dt= 100A/us
VGS=0V, VDS=10V, f=1MHz
VGS=4.5V, VDS=10V, ID=5A
pF
nC
Dual N-Channel MOSFET
AO6804A-HF (KO6804A-HF)


유사한 부품 번호 - AO6804A-HF

제조업체부품명데이터시트상세설명
logo
Alpha & Omega Semicondu...
AO6804A AOSMD-AO6804A Datasheet
204Kb / 5P
20V Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6804A KEXIN-AO6804A Datasheet
1Mb / 4P
Dual N-Channel MOSFET
More results

유사한 설명 - AO6804A-HF

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SSI2154 SECOS-SSI2154 Datasheet
562Kb / 4P
Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6808-HF KEXIN-AO6808-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO6810 KEXIN-AO6810 Datasheet
1Mb / 4P
Dual N-Channel MOSFET
KX4N03W KEXIN-KX4N03W Datasheet
1Mb / 6P
Dual N-Channel MOSFET
SI9926DY-HF KEXIN-SI9926DY-HF Datasheet
572Kb / 2P
Dual N-Channel MOSFET
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com