전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF640NS 데이터시트(PDF) 9 Page - Kersemi Electronic Co., Ltd.

부품명 IRF640NS
상세설명  Advanced Process Technology
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KERSEMI [Kersemi Electronic Co., Ltd.]
홈페이지  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF640NS 데이터시트(HTML) 9 Page - Kersemi Electronic Co., Ltd.

Back Button IRF640NS Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF640NS Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF640NS Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF640NS Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF640NS Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF640NS Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRF640NS Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRF640NS Datasheet HTML 10Page - Kersemi Electronic Co., Ltd. IRF640NS Datasheet HTML 11Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
D2Pak Package Outline
D2Pak Part Marking Information
10.16 (.400)
R E F .
6.47 (.255)
6.18 (.243)
2.61 (.103)
2.32 (.091)
8.89 (.350)
R E F .
- B -
1.32 (.052)
1.22 (.048)
2.79 (.110)
2.29 (.090)
1 .39 (.055)
1 .14 (.045)
5.28 (.208)
4.78 (.188)
4.69 (.185)
4.20 (.165)
10.54 (.415)
10.29 (.405)
- A -
2
1
3
15.49 (.610)
14.73 (.580)
3X
0.93 (.037)
0.69 (.027)
5.08 (.200 )
3X
1.40 (.055)
1.14 (.045)
1.78 (.070)
1.27 (.050)
1.40 (.055)
M A X.
N O T ES:
1 D IM E N S IO N S A F T E R S O L D E R D IP .
2 D IM E N S IO N IN G & T O LE R A N C IN G P E R A N S I Y 14.5M , 1982.
3 CO N T R O L L IN G DIME N S IO N : INCH .
4 H EAT SIN K & L EAD D IM E N S IO N S D O N O T IN C L U D E BU R R S.
0.55 (.022)
0.46 (.018)
0.25 (.010)
M
B A M
MINIM U M RE C O MME N D E D F O O T P R IN T
11.43 (.4 50)
8.89 (.350)
17.78 (.700)
3.81 (.150)
2.08 (.082)
2 X
LE AD ASSIGN M E N T S
1 - G A T E
2 - D R A IN
3 - S O U R C E
2.54 (.100)
2 X
P A RT NUM B E R
L O G O
DAT E CODE
(YYW W )
YY = YEA R
WW = WE E K
A S S E M B L Y
L O T
C O D E
F5 30 S
9 B
1 M
92 46
A
IRF640N/S/L
2014-8-27
www.kersemi.com
9


유사한 부품 번호 - IRF640NS

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF640NS IRF-IRF640NS Datasheet
155Kb / 11P
   Power MOSFET(Vdss=200V, Rds(on)=0.15ohm, Id=18A)
logo
Fairchild Semiconductor
IRF640NS FAIRCHILD-IRF640NS Datasheet
160Kb / 11P
   N-Channel Power MOSFETs 200V, 18A, 0.15ohm
logo
International Rectifier
IRF640NS IRF-IRF640NS Datasheet
240Kb / 11P
   HEXFET Power MOSFET
IRF640NS IRF-IRF640NS Datasheet
248Kb / 12P
   Advanced Process Technology
IRF640NSPBF IRF-IRF640NSPBF Datasheet
300Kb / 12P
   HEXFET짰 Power MOSFET
More results

유사한 설명 - IRF640NS

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com