전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S2N7002DW 데이터시트(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

부품명 S2N7002DW
상세설명  Dual N-Channel MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S2N7002DW 데이터시트(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  S2N7002DW_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S2N7002DW_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH S2N7002DW_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
S2N7002DW
115mA, 60V
Dual N-Channel MOSFET
19-May-2011 Rev. B
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A Suffix of “-C” specifies halogen & lead-free
MECHANICAL DATA
Case: SOT-363,Molded Plastic.
Case Material-UL Flammability Rating 94V-0
Terminals: Solderable per MIL-STD-202,
Method 208
Weight: 0.006 grams(approx.)
DEVICE MARKING:
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-363
3K
7’ inch
MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Drain – Source Voltage
VDS
60
V
Drain – Gate Voltage RGS=1MΩ
VDGR
60
V
Gate – Source Voltage
VGS
±20
V
Continuous Drain Current
ID
115
mA
Power Dissipation
PD
380
mW
Maximum Junction-to-Ambient
RθJA
328
°C / W
Operating Junction & Storage Temperature Range
TJ, TSTG
-55~150
°C
Note:
1. Pulse Width Limited by Maximum Junction Temperature.
SOT-363
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.00
2.20
G
0.100 REF.
B
2.15
2.45
H
0.525 REF.
C
1.15
1.35
J
0.08
0.15
D
0.90
1.10
K
E
1.20
1.40
L
0.650 TYP.
F
0.15
0.35
702


유사한 부품 번호 - S2N7002DW_15

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
S2N7002DW SECOS-S2N7002DW Datasheet
252Kb / 3P
   Dual N-Channel MOSFET
logo
VBsemi Electronics Co.,...
S2N7002DW VBSEMI-S2N7002DW Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
More results

유사한 설명 - S2N7002DW_15

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SSI2154 SECOS-SSI2154 Datasheet
562Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6804A-HF KEXIN-AO6804A-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6808-HF KEXIN-AO6808-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6810 KEXIN-AO6810 Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
KX4N03W KEXIN-KX4N03W Datasheet
1Mb / 6P
   Dual N-Channel MOSFET
SI9926DY-HF KEXIN-SI9926DY-HF Datasheet
572Kb / 2P
   Dual N-Channel MOSFET
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
   Dual N-Channel MOSFET
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com