전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S2N7002DW 데이터시트(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

부품명 S2N7002DW
상세설명  Dual N-Channel MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S2N7002DW 데이터시트(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  S2N7002DW_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S2N7002DW_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH S2N7002DW_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
S2N7002DW
115mA, 60V
Dual N-Channel MOSFET
19-May-2011 Rev. B
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Static
Drain-Source Breakdown Voltage
V(BR)DSS
60
-
-
V
VGS=0, ID=10μA
Gate-Threshold Voltage
VGS(TH)
1
-
2
V
VDS=VGS, ID=250μA
Gate-Source Leakage
IGSS
-
-
±1
μA
VDS=0 , VGS= ±20V
TC= 25°C
-
-
1
VDS=60V, VGS=0
Zero Gate Voltage Drain Current
TC= 125°C
IDSS
-
-
500
μA
VDS=60V, VGS=0
On-State Drain Current
ID(on)
0.5
-
-
A
VGS=10V, VDS=7.5V
TJ= 25°C
-
-
7.5
VGS=5V, ID=0.05A
Drain-Source On Resistance
TJ= 125°C
RDS(ON)
-
-
13.5
VGS=10V, ID=0.5A
Forward Transconductance
gFS
80
-
-
ms
VDS≧2 VDS(ON), ID= 0.2A
Body-Drain Diode Ratings
Diode Forward On–Voltage
VSD
-
-
-1.5
V
IS=115mA, VGS=0
Source Current Continuous(Body Diode)
IS
-
-
-115
mA
Source Current Pulsed
ISM
-
-
-800
mA
Dynamic Characteristics
Input Capacitance
CISS
-
-
50
Output Capacitance
COSS
-
-
25
Reverse Transfer Capacitance
CRSS
-
-
5
pF
VDS=25V,
VGS=0,
f=1MHz
Switching Characteristics
Turn-on Delay Time
Td(ON)
-
-
20
Turn-off Delay Time
Td(OFF)
-
-
40
nS
VDD=25V, I D=0.5A
RL=50Ω,
VGEN=10V, RG=25Ω


유사한 부품 번호 - S2N7002DW_15

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
S2N7002DW SECOS-S2N7002DW Datasheet
252Kb / 3P
   Dual N-Channel MOSFET
logo
VBsemi Electronics Co.,...
S2N7002DW VBSEMI-S2N7002DW Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
More results

유사한 설명 - S2N7002DW_15

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SSI2154 SECOS-SSI2154 Datasheet
562Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6804A-HF KEXIN-AO6804A-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6808-HF KEXIN-AO6808-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6810 KEXIN-AO6810 Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
KX4N03W KEXIN-KX4N03W Datasheet
1Mb / 6P
   Dual N-Channel MOSFET
SI9926DY-HF KEXIN-SI9926DY-HF Datasheet
572Kb / 2P
   Dual N-Channel MOSFET
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
   Dual N-Channel MOSFET
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com