전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7751 데이터시트(PDF) 8 Page - International Rectifier

부품명 IRF7751
상세설명  Power MOSFET(Vdss=-30V)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7751 데이터시트(HTML) 8 Page - International Rectifier

  IRF7751 Datasheet HTML 1Page - International Rectifier IRF7751 Datasheet HTML 2Page - International Rectifier IRF7751 Datasheet HTML 3Page - International Rectifier IRF7751 Datasheet HTML 4Page - International Rectifier IRF7751 Datasheet HTML 5Page - International Rectifier IRF7751 Datasheet HTML 6Page - International Rectifier IRF7751 Datasheet HTML 7Page - International Rectifier IRF7751 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRF7751
8
www.irf.com
EXAMPLE: T HIS IS AN IRF 7702
DATE CODE (YW)
PART NUMBER
LOT CODE (XX)
DATE CODE EXAMPLES:
9503 = 5C
9532 = EF
7702
XXYW
WORK WEEK 27-52, ALPHANUMERIC YE AR CODE (A,B, ...ETC.)
2000
K
52
51
50
Z
Y
X
2001
1995
1999
1998
1997
1996
1994
2003
2002
YEAR
AA
27
E
H
G
F
J
D
C
B
30
29
28
D
C
B
TABLE 2
Y
WORK
WEEK
26
W
Z
WORK WEEK 1-26, NUMERIC YEAR CODE (1,2, ....ET C.)
2003
1997
2000
1998
1999
1996
1995
1994
2002
2001
YEAR
3C
03
7
8
9
0
25
24
5
6
404
Y
X
D
WORK
2
1
Y
WEEK
02
01
TABLE 1
B
A
W
Ø 13"
16mm
1. T APE & REEL OUT LINE CONFORMS TO EIA-481 & EIA-541.
NOT ES:
16 mm
8 mm
FEED DIRECT ION
TSSOP-8 Tape and Reel Information
TSSOP-8 Part Marking
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
IR EUROPEAN REGIONAL CENTRE: 439/445 Godstone Rd, Whyteleafe, Surrey CR3 OBL, UK Tel: ++ 44 (0)20 8645 8000
IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 (0) 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 011 451 0111
IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo 171 Tel: 81 (0)3 3983 0086
IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 (0)838 4630
IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673 Tel: 886-(0)2 2377 9936
Data and specifications subject to change without notice. 10/00


유사한 부품 번호 - IRF7751

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7751GPBF IRF-IRF7751GPBF Datasheet
241Kb / 8P
HEXFET짰 Power MOSFET Ultra Low On-Resistance
logo
VBsemi Electronics Co.,...
IRF7751GTRPBF VBSEMI-IRF7751GTRPBF Datasheet
1Mb / 6P
Dual P-Channel 30-V (D-S) MOSFET
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
Ultra Low On-Resistance
More results

유사한 설명 - IRF7751

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7705 IRF-IRF7705 Datasheet
146Kb / 8P
Power MOSFET(Vdss=-30V)
IRF7752 IRF-IRF7752 Datasheet
117Kb / 7P
Power MOSFET(Vdss=30V)
IRF5805 IRF-IRF5805 Datasheet
126Kb / 9P
Power MOSFET(Vdss=-30V)
IRLML5203 IRF-IRLML5203 Datasheet
137Kb / 9P
Power MOSFET(Vdss=-30V)
IRF7509 IRF-IRF7509 Datasheet
217Kb / 8P
Power MOSFET(Vdss=-30V)
IRF9952 IRF-IRF9952 Datasheet
134Kb / 10P
Power MOSFET(Vdss=-30V)
IRF7706 IRF-IRF7706 Datasheet
152Kb / 8P
Power MOSFET(Vdss=-30V)
IRF7726 IRF-IRF7726 Datasheet
95Kb / 9P
Power MOSFET(Vdss=-30V)
IRF7413 IRF-IRF7413 Datasheet
123Kb / 8P
Power MOSFET(Vdss=30V, Id=12A)
IRF7466 IRF-IRF7466 Datasheet
233Kb / 8P
Power MOSFET(Vdss=30V, Id=11A)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com