전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFI3205 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRFI3205
상세설명  Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=64A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFI3205 데이터시트(HTML) 1 Page - International Rectifier

  IRFI3205 Datasheet HTML 1Page - International Rectifier IRFI3205 Datasheet HTML 2Page - International Rectifier IRFI3205 Datasheet HTML 3Page - International Rectifier IRFI3205 Datasheet HTML 4Page - International Rectifier IRFI3205 Datasheet HTML 5Page - International Rectifier IRFI3205 Datasheet HTML 6Page - International Rectifier IRFI3205 Datasheet HTML 7Page - International Rectifier IRFI3205 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRFI3205
HEXFET® Power MOSFET
PD - 9.1374B
S
D
G
VDSS = 55V
RDS(on) = 0.008Ω
ID = 64A
l Advanced Process Technology
l Ultra Low On-Resistance
l Isolated Package
l High Voltage Isolation = 2.5KVRMS
…
l Sink to Lead Creepage Dist. = 4.8mm
l Fully Avalanche Rated
TO-220 FULLPAK
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
2.4
°C/W
RθJA
Junction-to-Ambient
–––
65
°C/W
Thermal Resistance
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low
on-resistance per silicon area.
This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power MOSFETs
are well known for, provides the designer with an extremely
efficient and reliable device for use in a wide variety of
applications.
The TO-220 Fullpak eliminates the need for additional
insulating hardware in commercial-industrial applications.
The moulding compound used provides a high isolation
capability and a low thermal resistance between the tab
and external heatsink. This isolation is equivalent to using
a 100 micron mica barrier with standard TO-220 product.
The Fullpak is mounted to a heatsink using a single clip or
by a single screw fixing.
8/25/97
Description
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
64
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
45
A
IDM
Pulsed Drain Current
†
390
PD @TC = 25°C
Power Dissipation
63
W
Linear Derating Factor
0.42
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚†
480
mJ
IAR
Avalanche Current
†
59
A
EAR
Repetitive Avalanche Energy

6.3
mJ
dv/dt
Peak Diode Recovery dv/dt
Ġ
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 srew
10 lbf•in (1.1N•m)
Absolute Maximum Ratings


유사한 부품 번호 - IRFI3205

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
IRFI3205 ISC-IRFI3205 Datasheet
260Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFI3205PBF IRF-IRFI3205PBF Datasheet
276Kb / 9P
   HEXFET짰 Power MOSFET
IRFI3205PBF IRF-IRFI3205PBF Datasheet
282Kb / 8P
   ADVANCED PROCESS TECHNOLOGY
logo
Infineon Technologies A...
IRFI3205PBF INFINEON-IRFI3205PBF Datasheet
510Kb / 9P
   Advanced Process Technology
2017-04-27
logo
International Rectifier
IRFI3205PBF IRF-IRFI3205PBF_15 Datasheet
282Kb / 8P
   ADVANCED PROCESS TECHNOLOGY
More results

유사한 설명 - IRFI3205

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP064N IRF-IRFP064N Datasheet
107Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=110A??
IRFP048N IRF-IRFP048N Datasheet
117Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.016ohm, Id=64A)
IRF5N3205 IRF-IRF5N3205 Datasheet
118Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.008ohm, Id=55A*)
IRL3103S IRF-IRL3103S Datasheet
125Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=12mohm, Id=64A)
IRF7463 IRF-IRF7463 Datasheet
84Kb / 7P
   Power MOSFET(Vdss=30V, Rds(on)max=0.008ohm, Id=14A)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
   Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
   Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFP054N IRF-IRFP054N Datasheet
109Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=81A??
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com