전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFIZ48V 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRFIZ48V
상세설명  Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=39A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFIZ48V 데이터시트(HTML) 1 Page - International Rectifier

  IRFIZ48V Datasheet HTML 1Page - International Rectifier IRFIZ48V Datasheet HTML 2Page - International Rectifier IRFIZ48V Datasheet HTML 3Page - International Rectifier IRFIZ48V Datasheet HTML 4Page - International Rectifier IRFIZ48V Datasheet HTML 5Page - International Rectifier IRFIZ48V Datasheet HTML 6Page - International Rectifier IRFIZ48V Datasheet HTML 7Page - International Rectifier IRFIZ48V Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRFIZ48V
HEXFET® Power MOSFET
02/12/01
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
39
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
27
A
IDM
Pulsed Drain Current
‡
290
PD @TC = 25°C
Power Dissipation
43
W
Linear Derating Factor
0.29
W/°C
VGS
Gate-to-Source Voltage
± 20
V
IAR
Avalanche Current
‡
72
A
EAR
Repetitive Avalanche Energy
‡
15
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ‡
5.3
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 srew
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
3.5
°C/W
RθJA
Junction-to-Ambient
–––
65
Thermal Resistance
www.irf.com
1
VDSS = 60V
RDS(on) = 12mΩ
ID = 39A
S
D
G
Advanced HEXFET® Power MOSFETs from International
Rectifier utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This benefit,
combined with the fast switching speed and ruggedized
device design that HEXFET power MOSFETs are well
known for, provides the designer with an extremely efficient
and reliable device for use in a wide variety of applications.
The TO-220 Fullpak eliminates the need for additional
insulating hardware in commercial-industrial applications.
The moulding compound used provides a high isolation
capability and a low thermal resistance between the tab and
external heatsink. This isolation is equivalent to using a 100
micron mica barrier with standard TO-220 product. The
Fullpak is mounted to a heatsink using a single clip or by a
single screw fixing.
l Advanced Process Technology
l Ultra Low On-Resistance
l Isolated Package
l High Voltage Isolation = 2.5KVRMS
ˆ
l Fast Switching
l Fully Avalanche Rated
l Optimized for SMPS Applications
Description
TO-220 FULLPAK
PD-94072


유사한 부품 번호 - IRFIZ48V

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFIZ48V IRF-IRFIZ48V Datasheet
103Kb / 8P
   HEXFET Power MOSFET
IRFIZ48VPBF IRF-IRFIZ48VPBF Datasheet
103Kb / 8P
   HEXFET Power MOSFET
More results

유사한 설명 - IRFIZ48V

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFZ48V IRF-IRFZ48V Datasheet
111Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=72A)
IRFZ44VZ IRF-IRFZ44VZ Datasheet
298Kb / 12P
   Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A)
IRF1010E IRF-IRF1010E Datasheet
195Kb / 8P
   Power MOSFET(Vdss=60V,Rds(on)=12mohm,Id=84A?
IRFZ48VS IRF-IRFZ48VS Datasheet
282Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=72A)
IRF1010ES IRF-IRF1010ES Datasheet
123Kb / 10P
   Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=84A??
IRL3103S IRF-IRL3103S Datasheet
125Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=12mohm, Id=64A)
IRF7467 IRF-IRF7467 Datasheet
114Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=12mohm, Id=11A)
IRF3708 IRF-IRF3708 Datasheet
138Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)max=12mohm, Id=62A)
IRFD9014 IRF-IRFD9014 Datasheet
177Kb / 6P
   Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.1A)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com