전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFZ44VZ 데이터시트(PDF) 10 Page - International Rectifier

부품명 IRFZ44VZ
상세설명  Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFZ44VZ 데이터시트(HTML) 10 Page - International Rectifier

Back Button IRFZ44VZ Datasheet HTML 4Page - International Rectifier IRFZ44VZ Datasheet HTML 5Page - International Rectifier IRFZ44VZ Datasheet HTML 6Page - International Rectifier IRFZ44VZ Datasheet HTML 7Page - International Rectifier IRFZ44VZ Datasheet HTML 8Page - International Rectifier IRFZ44VZ Datasheet HTML 9Page - International Rectifier IRFZ44VZ Datasheet HTML 10Page - International Rectifier IRFZ44VZ Datasheet HTML 11Page - International Rectifier IRFZ44VZ Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
IRFZ44VZS_L
10
www.irf.com
D2Pak Part Marking Information
F530S
THIS IS AN IRF530S WITH
LOT CODE 8024
ASSEMBLED ON WW 02, 2000
IN THE ASSEMBLY LINE "L"
ASSEMBLY
LOT CODE
INTERNATIONAL
RECTIFIER
LOGO
PART NUMBER
DATE CODE
YEAR 0 = 2000
WEEK 02
LINE L
D2Pak Package Outline
Dimensions are shown in millimeters (inches)
DATE CODE
IN THE ASSEMBLY LINE "L"
ASSEMBLED ON WW 02, 2000
THIS IS AN IRF530S WITH
LOT CODE 8024
INTERNATIONAL
LOGO
RECTIFIER
LOT CODE
PART NUMBER
F530S
For GB Production


유사한 부품 번호 - IRFZ44VZ

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
IRFZ44VZ ISC-IRFZ44VZ Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRFZ44VZLPBF IRF-IRFZ44VZLPBF Datasheet
355Kb / 13P
   HEXFET짰 Power MOSFET ( VDSS = 60V , RDS(on) = 12m廓 , ID = 57A )
IRFZ44VZPBF IRF-IRFZ44VZPBF Datasheet
355Kb / 13P
   HEXFET짰 Power MOSFET ( VDSS = 60V , RDS(on) = 12m廓 , ID = 57A )
IRFZ44VZPBF IRF-IRFZ44VZPBF Datasheet
378Kb / 12P
   ADVANCED PROCESS TECHNOLOGY
IRFZ44VZPBF IRF-IRFZ44VZPBF_15 Datasheet
378Kb / 12P
   ADVANCED PROCESS TECHNOLOGY
More results

유사한 설명 - IRFZ44VZ

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFZ48V IRF-IRFZ48V Datasheet
111Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=72A)
IRF1010E IRF-IRF1010E Datasheet
195Kb / 8P
   Power MOSFET(Vdss=60V,Rds(on)=12mohm,Id=84A?
IRFIZ48V IRF-IRFIZ48V Datasheet
93Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=39A)
IRFZ48VS IRF-IRFZ48VS Datasheet
282Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=72A)
IRF1010ES IRF-IRF1010ES Datasheet
123Kb / 10P
   Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=84A??
IRFP044 IRF-IRFP044 Datasheet
170Kb / 6P
   Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=57A)
IRFZ44VZPBF IRF-IRFZ44VZPBF Datasheet
355Kb / 13P
   HEXFET짰 Power MOSFET ( VDSS = 60V , RDS(on) = 12m廓 , ID = 57A )
IRL3103S IRF-IRL3103S Datasheet
125Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=12mohm, Id=64A)
IRF3710S IRF-IRF3710S Datasheet
184Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.025ohm, Id=57A)
IRFP3710 IRF-IRFP3710 Datasheet
185Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.025W, Id=57A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com