전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TGA8035-SCC 데이터시트(PDF) 2 Page - TriQuint Semiconductor

부품명 TGA8035-SCC
상세설명  6 to 18-GHz Frequency Range
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRIQUINT [TriQuint Semiconductor]
홈페이지  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA8035-SCC 데이터시트(HTML) 2 Page - TriQuint Semiconductor

  TGA8035-SCC_15 Datasheet HTML 1Page - TriQuint Semiconductor TGA8035-SCC_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA8035-SCC_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA8035-SCC_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA8035-SCC_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA8035-SCC_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA8035-SCC_15 Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TGA8035-SCC
2
TYPICAL
SMALL-SIGNAL
POWER GAIN
0
2
4
6
8
10
12
14
16
18
20
6
7
8
9
10
11
12
13
14
15
16
17
18
Frequency (GHz)
V
D1, V D2 = 5 V
I
D1 = 50%
I
DSS1
I
D2 = 50%
I
DSS2
T
A = 25° C
TYPICAL
NOISE FIGURE
0
1
2
3
4
5
6
7
8
6
7
8
9
10
11
12
13
14
15
16
17
18
Frequency (GHz)
V
D1, V D2 = 5 V
I
D1 = 50%
I
DSS1
I
D2 = 50%
I
DSS2
T
A = 25° C
TYPICAL
OUTPUT POWER
P
1dB
0
2
4
6
8
10
12
14
16
18
20
6
7
8
9
10
11
12
13
14
15
16
17
18
Frequency (GHz)
V
D1, V D2 = 5 V
I
D1 = 50%
I
DSS1
I
D2 = 50%
I
DSS2
T
A = 25° C
V
D1, VD2 = 5 V
I
D1 = 50% I DSS1
I
D2 = 50% I DSS2
T
A = 25°C
V
D1, VD2 = 5 V
I
D1 = 50% I DSS1
I
D2 = 50% I DSS2
T
A = 25°C
V
D1, VD2 = 5 V
I
D1 = 50% I DSS1
I
D2 = 50% I DSS2
T
A = 25°C
TriQuint Semiconductor, Inc.
Texas Facilities
• (972) 995-8465
• www.triquint.com


유사한 부품 번호 - TGA8035-SCC_15

제조업체부품명데이터시트상세설명
logo
TriQuint Semiconductor
TGA8035-SCC TRIQUINT-TGA8035-SCC Datasheet
222Kb / 7P
   Gain Block Amplifier
More results

유사한 설명 - TGA8035-SCC_15

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE15A3020 PASTERNACK-PE15A3020 Datasheet
488Kb / 6P
   6 GHz to 18 GHz Frequency Range
PE15A3018 PASTERNACK-PE15A3018 Datasheet
476Kb / 6P
   6 GHz to 18 GHz Frequency Range
PE15A3019 PASTERNACK-PE15A3019 Datasheet
451Kb / 4P
   6 GHz to 18 GHz Frequency Range
PE80L3000 PASTERNACK-PE80L3000 Datasheet
418Kb / 7P
   2 GHz to 18 GHz Frequency Range
PE15A3265 PASTERNACK-PE15A3265 Datasheet
461Kb / 5P
   2 GHz to 18 GHz Frequency Range
PE15A5025 PASTERNACK-PE15A5025 Datasheet
435Kb / 5P
   2 GHz to 6 GHz Frequency Range
PE15A5017 PASTERNACK-PE15A5017 Datasheet
477Kb / 6P
   0.7 GHz to 6 GHz Frequency Range
PE15A3004 PASTERNACK-PE15A3004 Datasheet
473Kb / 5P
   DC to 6 GHz Frequency Range
logo
Analog Devices
HMC520A AD-HMC520A Datasheet
423Kb / 28P
   Radio frequency (RF) range: 6 GHz to 10 GHz
logo
Pasternack Enterprises,...
PE8405 PASTERNACK-PE8405 Datasheet
91Kb / 1P
   SMA FERRITE CIRCURATOR FREQUENCY RANGE : 11 TO 18 GHz
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com