전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CEN-U95 데이터시트(PDF) 1 Page - Central Semiconductor Corp

부품명 CEN-U95
상세설명  PNP SILICON DARLINGTON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CENTRAL [Central Semiconductor Corp]
홈페이지  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CEN-U95 데이터시트(HTML) 1 Page - Central Semiconductor Corp

  CEN-U95 Datasheet HTML 1Page - Central Semiconductor Corp CEN-U95 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CEN-U95
PNP SILICON
DARLINGTON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CEN-U95 is a
PNP silicon Darlington transistor designed for general
purpose amplifier and driver applications where high
gain and high power dissipation is required.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCES
40
V
Emitter-Base Voltage
VEBO
10
V
Continuous Collector Current
IC
2.0
A
Power Dissipation
PD
1.0
W
Power Dissipation (TC=25°C)
PD
10
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
125
°C/W
Thermal Resistance
ΘJC
12.5
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=30V
100
nA
IEBO
VEB=8.0V
100
nA
BVCBO
IC=100μA
50
V
BVCES
IC=100μA
40
V
BVEBO
IE=10μA
10
V
VCE(SAT)
IC=1.0A, IB=2.0mA
1.5
V
VBE(SAT)
IC=1.0A, IB=2.0mA
2.0
V
VBE(ON)
VCE=5.0V, IC=1.0A
2.0
V
hFE
VCE=5.0V, IC=200mA
25K
150K
hFE
VCE=5.0V, IC=500mA
15K
hFE
VCE=5.0V, IC=1.0A
4K
fT
VCE=5.0V, IC=200mA, f=100MHz
50
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
12
pF
APPLICATIONS:
• Designed for general purpose
amplifiers and drivers
FEATURES:
• High Collector Current (2.0A)
• High DC Current Gain (25K MIN)
TO-202 CASE
R1 (23-January 2012)
www.centr a lsemi.com


유사한 부품 번호 - CEN-U95

제조업체부품명데이터시트상세설명
logo
Central Semiconductor C...
CEN-U95 CENTRAL-CEN-U95 Datasheet
53Kb / 1P
   Power Transistors
CEN-U95 CENTRAL-CEN-U95 Datasheet
345Kb / 2P
   PNP SILICON DARLINGTON TRANSISTOR
More results

유사한 설명 - CEN-U95

제조업체부품명데이터시트상세설명
logo
NEC
2SB1150 NEC-2SB1150 Datasheet
146Kb / 2P
   PNP SILICON DARLINGTON TRANSISTOR
logo
New Jersey Semi-Conduct...
MJ11017 NJSEMI-MJ11017 Datasheet
113Kb / 2P
   PNP SILICON DARLINGTON TRANSISTOR
logo
Zetex Semiconductors
BCV28 ZETEX-BCV28 Datasheet
16Kb / 1P
   PNP SILICON DARLINGTON TRANSISTOR
logo
Infineon Technologies A...
BSP60 INFINEON-BSP60_07 Datasheet
103Kb / 7P
   PNP Silicon Darlington Transistor
2007-04-26
logo
SEMTECH ELECTRONICS LTD...
BC516 SEMTECH_ELEC-BC516 Datasheet
78Kb / 1P
   PNP Silicon Darlington Transistor
logo
Infineon Technologies A...
BSP60-BSP62 INFINEON-BSP60-BSP62 Datasheet
551Kb / 7P
   PNP Silicon Darlington Transistor
2011-10-04
logo
Micro Electronics
MPSA63 MICRO-ELECTRONICS-MPSA63 Datasheet
76Kb / 1P
   PNP SILICON DARLINGTON TRANSISTOR
logo
Central Semiconductor C...
CEN-U95 CENTRAL-CEN-U95 Datasheet
345Kb / 2P
   PNP SILICON DARLINGTON TRANSISTOR
logo
Weitron Technology
MMBTA64 WEITRON-MMBTA64 Datasheet
479Kb / 4P
   Darlington Transistor PNP Silicon
logo
NEC
2SB1093 NEC-2SB1093 Datasheet
125Kb / 2P
   PNP SILICON DARLINGTON TRANSISTOR
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com