전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF9953PBF 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRF9953PBF
상세설명  ULTRA LOW ON RESISTANCE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF9953PBF 데이터시트(HTML) 1 Page - International Rectifier

  IRF9953PBF_15 Datasheet HTML 1Page - International Rectifier IRF9953PBF_15 Datasheet HTML 2Page - International Rectifier IRF9953PBF_15 Datasheet HTML 3Page - International Rectifier IRF9953PBF_15 Datasheet HTML 4Page - International Rectifier IRF9953PBF_15 Datasheet HTML 5Page - International Rectifier IRF9953PBF_15 Datasheet HTML 6Page - International Rectifier IRF9953PBF_15 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HEXFET® Power MOSFET
PD - 95477
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power
MOSFETs are well known for, provides the designer
with an extremely efficient and reliable device for use
in a wide variety of applications.
The SO-8 has been modified through a customized
leadframe for enhanced thermal characteristics and
multiple-die capability making it ideal in a variety of
powerapplications. Withtheseimprovements,multiple
devices can be used in an application with dramatically
reduced board space. The package is designed for
vapor phase, infra red, or wave soldering techniques.
7/16/04
SO-8
VDSS = -30V
RDS(on) = 0.25Ω
IRF9953PbF
Description
Recommended upgrade: IRF7306 or IRF7316
Lower profile/smaller equivalent: IRF7506
Symbol
Maximum
Units
Drain-Source Voltage
VDS
-30
Gate-Source Voltage
VGS
± 20
TA = 25°C
-2.3
TA = 70°C
-1.8
Pulsed Drain CurrentIDM
-10
Continuous Source Current (Diode Conduction)
IS
1.6
TA = 25°C
2.0
TA = 70°C
1.3
Single Pulse Avalanche Energy
EAS
57
mJ
Avalanche CurrentIAR
-1.3
A
Repetitive Avalanche Energy
EAR
0.20
mJ
Peak Diode Recovery dv/dt
ƒ
dv/dt-5.0
V/ ns
Junction and Storage Temperature Range
TJ, TSTG
-55 to + 150
°C
Thermal Resistance Ratings
Parameter
Symbol
Limit
Units
Maximum Junction-to-Ambient
…
RθJA
62.5
°C/W
Absolute Maximum Ratings ( TA = 25°C Unless Otherwise Noted)
Continuous Drain Current
…
Maximum Power Dissipation
…
A
ID
PD
V
W
D1
D1
D2
D2
G1
S2
G2
S1
Top View
8
1
2
3
4
5
6
7
l
Generation V Technology
l
Ultra Low On-Resistance
l
Dual P-Channel MOSFET
l
Surface Mount
l
Very Low Gate Charge and
Switching Losses
l
Fully Avalanche Rated
l
Lead-Free


유사한 부품 번호 - IRF9953PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF9953PBF IRF-IRF9953PBF Datasheet
206Kb / 7P
   HEXFET짰 Power MOSFET
More results

유사한 설명 - IRF9953PBF_15

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com