전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PE15A3001 데이터시트(PDF) 2 Page - Pasternack Enterprises, Inc.

부품명 PE15A3001
상세설명  DC to 10 GHz Frequency Range
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PASTERNACK [Pasternack Enterprises, Inc.]
홈페이지  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A3001 데이터시트(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE15A3001 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A3001 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A3001 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A3001 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A3001 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
TECHNICAL DATA SHEET
Absolute Maximum Rating
Parameter
Rating
Units
Source Voltage
+14
Volts
RF input Power
+20
dBm
Operating Temperature (base-plate)
-40 to +85
°C
Storage Temperature
-55 to +100
°C
.
ESD Sensitive Material,
Transport material in
Approved ESD bags.
Handle only in approved
ESD Workstation.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
Values at +25 °C, sea level
ESD Sensitive Material, Transport material in Approved ESD bags. Handle only in approved ESD Workstation.
Heat Sink Required for Proper Operation, Unit is cooled by conduction to heat sink.
PE15A3001
PE15A3001 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 1 Watt Psat, DC to 10 GHz, Medium Power Broadband Amplifier, 12.5 dB Gain, 38 dBm IP3,
6.5 dB NF, SMA PE15A3001
1 Watt Psat, DC to 10 GHz, Medium Power Broadband
Amplifier, 12.5 dB Gain, 38 dBm IP3, 6.5 dB NF, SMA


유사한 부품 번호 - PE15A3001

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE15A3004 PASTERNACK-PE15A3004 Datasheet
473Kb / 5P
   DC to 6 GHz Frequency Range
PE15A3005 PASTERNACK-PE15A3005 Datasheet
579Kb / 5P
   Single DC Positive Supply
PE15A3007 PASTERNACK-PE15A3007 Datasheet
590Kb / 5P
   Single DC Positive Supply
PE15A3008 PASTERNACK-PE15A3008 Datasheet
596Kb / 5P
   50 Ohm Input and Output Matched
PE15A3009 PASTERNACK-PE15A3009 Datasheet
495Kb / 5P
   Psat 28 dBm typ
More results

유사한 설명 - PE15A3001

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE71S6194 PASTERNACK-PE71S6194 Datasheet
424Kb / 4P
   DC to 10 GHz Operating Frequency Range
PE71S6191 PASTERNACK-PE71S6191 Datasheet
413Kb / 4P
   DC to 10 GHz Operating Frequency Range
PE71S6198 PASTERNACK-PE71S6198 Datasheet
746Kb / 6P
   DC to 10 GHz Operating Frequency Range
PE71S6199 PASTERNACK-PE71S6199 Datasheet
746Kb / 6P
   DC to 10 GHz Operating Frequency Range
PE71S6183 PASTERNACK-PE71S6183 Datasheet
413Kb / 4P
   DC to 10 GHz Operating Frequency Range
PE15A3004 PASTERNACK-PE15A3004 Datasheet
473Kb / 5P
   DC to 6 GHz Frequency Range
logo
Analog Devices
HMC520A AD-HMC520A Datasheet
423Kb / 28P
   Radio frequency (RF) range: 6 GHz to 10 GHz
logo
Vishay Siliconix
BA779-G VISHAY-BA779-G Datasheet
97Kb / 4P
   Wide frequency range 10 MHz to 1 GHz
Rev. 1.2, 25-Feb-13
logo
AVAGO TECHNOLOGIES LIMI...
AMGP-6552 AVAGO-AMGP-6552 Datasheet
151Kb / 8P
   IF frequency range from DC to 3 GHz
AMGP-6551 AVAGO-AMGP-6551 Datasheet
639Kb / 8P
   IF frequency range from DC to 3 GHz
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com