전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PE15A3001 데이터시트(PDF) 1 Page - Pasternack Enterprises, Inc.

부품명 PE15A3001
상세설명  DC to 10 GHz Frequency Range
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PASTERNACK [Pasternack Enterprises, Inc.]
홈페이지  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A3001 데이터시트(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE15A3001 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A3001 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A3001 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A3001 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A3001 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
TECHNICAL DATA SHEET
PE15A3001 is a broadband multi-octave GaAs PHEMT MMIC-based 1W coaxial power amplifier, operating in the DC to 10
GHz frequency range. The amplifier offers 30 dBm of output saturated power at 10 GHz, and 12 dB minimum small signal
gain, along with the excellent gain flatness of ±1.0 dB max and outstanding IP3 performance of 38 dBm. This performance is
achieved through the use of advanced GaAs PHEMT MMIC circuitry. This power amplifier requires only a single positive DC
supply, unconditionally stable,and operates over the temperature range of -40°C to 85°C, and characterized by a light weight
(21 g) and small size (1.55”x1.37”x0.55”).
Features
DC to 10 GHz Frequency Range
Psat: 30 dBm min
Small Signal Gain: 12 dB min @10GHz
Gain Flatness: ±01 dB
Gain Variation Over Temperature: 0.005 dB/°C
High Output IP3: 38 dBm
Noise Figure: 6.5 dB
50 Ohm Input and Output Matched
-40 to +85°C Operating Temperature
• Unconditionally Stable
Single DC Positive Suppy
Built-in DC Voltage Regulator
Small Size & Light Weight
Applications
• Laboratory Applications
R&D Labs
Radar Systems
• Electronic Warfare
• Telecom Infrastructure
• Test Instrumentation
• Military & Space
• Communication Systems
• Satellite Communications
• Wireless Communications
Microwave Radio Systems
Power Amplifier
General Purpose Amplification
RF Front Ends
Electrical Specifications (TA = +25°C, DC Voltage = 12Volts, DC Current = 300mA)
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
10
GHz
Gain
12
12.5
dB
Gain Flatness
±1
±1.3
dB
Gain Variance at OTR*
±0.005
dB
Saturation Output Power
+30.5
dBm
Output 3rd
Intercept Point
+38
dBm
Noise Figure
6.5
dB
Input VSWR
1.7:1
1.3:1
Output VSWR
1.7:1
1.3:1
Operating DC Voltage
12
Volts
Operating DC Current
300
mA
Operating Temperature Range (OTR)
-40
+85
°C
. .
*OTR= Base Plate Operating Temperature Range
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 1 Watt Psat, DC to 10 GHz, Medium Power Broadband Amplifier, 12.5 dB Gain, 38 dBm IP3,
6.5 dB NF, SMA PE15A3001
PE15A3001
PE15A3001 REV 1.0
1 Watt Psat, DC to 10 GHz, Medium Power Broadband
Amplifier, 12.5 dB Gain, 38 dBm IP3, 6.5 dB NF, SMA


유사한 부품 번호 - PE15A3001

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE15A3004 PASTERNACK-PE15A3004 Datasheet
473Kb / 5P
DC to 6 GHz Frequency Range
PE15A3005 PASTERNACK-PE15A3005 Datasheet
579Kb / 5P
Single DC Positive Supply
PE15A3007 PASTERNACK-PE15A3007 Datasheet
590Kb / 5P
Single DC Positive Supply
PE15A3008 PASTERNACK-PE15A3008 Datasheet
596Kb / 5P
50 Ohm Input and Output Matched
PE15A3009 PASTERNACK-PE15A3009 Datasheet
495Kb / 5P
Psat 28 dBm typ
More results

유사한 설명 - PE15A3001

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE71S6194 PASTERNACK-PE71S6194 Datasheet
424Kb / 4P
DC to 10 GHz Operating Frequency Range
PE71S6191 PASTERNACK-PE71S6191 Datasheet
413Kb / 4P
DC to 10 GHz Operating Frequency Range
PE71S6198 PASTERNACK-PE71S6198 Datasheet
746Kb / 6P
DC to 10 GHz Operating Frequency Range
PE71S6199 PASTERNACK-PE71S6199 Datasheet
746Kb / 6P
DC to 10 GHz Operating Frequency Range
PE71S6183 PASTERNACK-PE71S6183 Datasheet
413Kb / 4P
DC to 10 GHz Operating Frequency Range
PE15A3004 PASTERNACK-PE15A3004 Datasheet
473Kb / 5P
DC to 6 GHz Frequency Range
logo
Analog Devices
HMC520A AD-HMC520A Datasheet
423Kb / 28P
Radio frequency (RF) range: 6 GHz to 10 GHz
logo
Vishay Siliconix
BA779-G VISHAY-BA779-G Datasheet
97Kb / 4P
Wide frequency range 10 MHz to 1 GHz
Rev. 1.2, 25-Feb-13
logo
AVAGO TECHNOLOGIES LIMI...
AMGP-6552 AVAGO-AMGP-6552 Datasheet
151Kb / 8P
IF frequency range from DC to 3 GHz
AMGP-6551 AVAGO-AMGP-6551 Datasheet
639Kb / 8P
IF frequency range from DC to 3 GHz
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com