전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AUIRFN7107 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 AUIRFN7107
상세설명  Ultra Low On-Resistance
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

AUIRFN7107 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  AUIRFN7107 Datasheet HTML 1Page - List of Unclassifed Manufacturers AUIRFN7107 Datasheet HTML 2Page - List of Unclassifed Manufacturers AUIRFN7107 Datasheet HTML 3Page - List of Unclassifed Manufacturers AUIRFN7107 Datasheet HTML 4Page - List of Unclassifed Manufacturers AUIRFN7107 Datasheet HTML 5Page - List of Unclassifed Manufacturers AUIRFN7107 Datasheet HTML 6Page - List of Unclassifed Manufacturers AUIRFN7107 Datasheet HTML 7Page - List of Unclassifed Manufacturers AUIRFN7107 Datasheet HTML 8Page - List of Unclassifed Manufacturers AUIRFN7107 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
 
AUIRFN7107
2
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
April 14, 2014
Static Electrical Characteristics @ TJ = 25°C (unless otherwise specified)  
Symbol
Parameter
Min.
Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
75
–––
–––
V
VGS = 0V, ID = 250µA
V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient
––– 0.074 –––
V/°C Reference to 25°C, ID = 1.0mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
6.9
8.5
m
 VGS = 10V, ID = 45A 
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = VGS, ID = 100µA
RG
Internal Gate Resistance
–––
0.82
–––

gfs
Forward Transconductance
73
–––
–––
S
VDS = 25V, ID = 45A
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
VDS = 75V, VGS = 0V
–––
–––
250
VDS = 75V, VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -20V
Dynamic Electrical Characteristics @ TJ = 25°C (unless otherwise specified)  
Symbol
Parameter
Min.
Typ. Max. Units
Conditions
Qg
Total Gate Charge
–––
51
77
nC
ID = 45A
Qgs
Gate-to-Source Charge
–––
15
–––
VDS = 38V
Qgd
Gate-to-Drain ("Miller") Charge
–––
14
–––
VGS = 10V
Qsync
Total Gate Charge Sync. (Qg - Qgd)
–––
37
–––
ID = 45A, VDS =0V, VGS = 10V
td(on)
Turn-On Delay Time
–––
8.0
–––
ns
VDD = 75V
tr
Rise Time
–––
12
–––
ID = 45A
td(off)
Turn-Off Delay Time
–––
19
–––
RG = 1.8
tf
Fall Time
–––
7.0
–––
VGS = 10V 
Ciss
Input Capacitance
–––
3001
–––
pF
VGS = 0V
Coss
Output Capacitance
–––
371
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
151
–––
ƒ = 1.0 MHz
Symbol
Parameter
Typ.
Max.
Units
RJC (Bottom)
Junction-to-Case 
–––
1.2
°C/W
RJC (Top)
Junction-to-Case 
–––
27
RJA
Junction-to-Ambient 
–––
34
RJA (<10s)
Junction-to-Ambient 
–––
22
Thermal Resistance
Diode Characteristics
  
 
 
Symbol
Parameter
Min.
Typ. Max. Units
Conditions
IS
Continuous Source Current
–––
–––
75
A
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
–––
–––
300
A
integral reverse
(Body Diode) 
p-n junction diode.
VSD
Diode Forward Voltage
–––
0.85
1.3
V
TJ = 25°C, IS = 45A, VGS = 0V 
trr  
Reverse Recovery Time
–––
28
–––
ns
TJ = 25°C, IF = 45A, VDD = 38V
Qrr
Reverse Recovery Charge
–––
145
–––
nC
di/dt = 500A/µs 


유사한 부품 번호 - AUIRFN7107

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
AUIRFN7107 INFINEON-AUIRFN7107 Datasheet
263Kb / 9P
Advanced Process Technology
2015-10-12
AUIRFN7107TR INFINEON-AUIRFN7107TR Datasheet
263Kb / 9P
Advanced Process Technology
2015-10-12
More results

유사한 설명 - AUIRFN7107

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
Ultra Low On-Resistance
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
Ultra Low On-Resistance
logo
International Rectifier
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
ULTRA LOW ON RESISTANCE
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
Ultra Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com