전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AUIRFN7107 데이터시트(PDF) 3 Page - List of Unclassifed Manufacturers

부품명 AUIRFN7107
상세설명  Ultra Low On-Resistance
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

AUIRFN7107 데이터시트(HTML) 3 Page - List of Unclassifed Manufacturers

  AUIRFN7107 Datasheet HTML 1Page - List of Unclassifed Manufacturers AUIRFN7107 Datasheet HTML 2Page - List of Unclassifed Manufacturers AUIRFN7107 Datasheet HTML 3Page - List of Unclassifed Manufacturers AUIRFN7107 Datasheet HTML 4Page - List of Unclassifed Manufacturers AUIRFN7107 Datasheet HTML 5Page - List of Unclassifed Manufacturers AUIRFN7107 Datasheet HTML 6Page - List of Unclassifed Manufacturers AUIRFN7107 Datasheet HTML 7Page - List of Unclassifed Manufacturers AUIRFN7107 Datasheet HTML 8Page - List of Unclassifed Manufacturers AUIRFN7107 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
 
AUIRFN7107
3
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
April 14, 2014
Fig. 2 Typical Output Characteristics
Fig. 3 Typical Transfer Characteristics
Fig. 1 Typical Output Characteristics
Fig 5. Typical Capacitance vs. Drain-to-Source Voltage
-60 -40 -20 0 20 40 60 80 100120140160180
TJ , Junction Temperature (°C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
ID = 75A
VGS = 10V
Fig. 4 Normalized On-Resistance vs. Temperature
Fig 6. Typical Gate Charge vs. Gate-to-Source Voltage
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
VGS
TOP
15V
10V
7.0V
5.5V
4.8V
4.5V
4.3V
BOTTOM
4.0V
60µs PULSE WIDTH
Tj = 25°C
4.0V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
4.0V
60µs PULSE WIDTH
Tj = 175°C
VGS
TOP
15V
10V
7.0V
5.5V
4.8V
4.5V
4.3V
BOTTOM
4.0V
2
3
4
5
6
7
8
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 175°C
VDS = 25V
60µs PULSE WIDTH
1
10
100
VDS, Drain-to-Source Voltage (V)
100
1000
10000
100000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0
102030405060
70
QG, Total Gate Charge (nC)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
VDS= 60V
VDS= 38V
VDS= 15V
ID= 45A


유사한 부품 번호 - AUIRFN7107

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
AUIRFN7107 INFINEON-AUIRFN7107 Datasheet
263Kb / 9P
Advanced Process Technology
2015-10-12
AUIRFN7107TR INFINEON-AUIRFN7107TR Datasheet
263Kb / 9P
Advanced Process Technology
2015-10-12
More results

유사한 설명 - AUIRFN7107

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
Ultra Low On-Resistance
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
Ultra Low On-Resistance
logo
International Rectifier
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
ULTRA LOW ON RESISTANCE
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
Ultra Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com