전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AUIRFN7107 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 AUIRFN7107
상세설명  Ultra Low On-Resistance
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

AUIRFN7107 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  AUIRFN7107 Datasheet HTML 1Page - List of Unclassifed Manufacturers AUIRFN7107 Datasheet HTML 2Page - List of Unclassifed Manufacturers AUIRFN7107 Datasheet HTML 3Page - List of Unclassifed Manufacturers AUIRFN7107 Datasheet HTML 4Page - List of Unclassifed Manufacturers AUIRFN7107 Datasheet HTML 5Page - List of Unclassifed Manufacturers AUIRFN7107 Datasheet HTML 6Page - List of Unclassifed Manufacturers AUIRFN7107 Datasheet HTML 7Page - List of Unclassifed Manufacturers AUIRFN7107 Datasheet HTML 8Page - List of Unclassifed Manufacturers AUIRFN7107 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
 
AUIRFN7107
Base Part Number
Package Type
Standard Pack
Complete Part Number
Form
Quantity
AUIRFN7107
PQFN 5mm x 6mm
Tape and Reel
4000
AUIRFN7107TR
VDSS
75V
RDS(on) max
(@VGS = 10V)
8.5m
QG (typical)
51nC
ID
(@TC (Bottom) = 25°C)
75A
HEXFET® is a registered trademark of International Rectifier.
*Qualification standards can be found at http://www.irf.com/
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only; and
functional operation of the device at these or any other condition beyond those indicated in the specifications is not implied. Exposure to absolute-
maximum-rated conditions for extended periods may affect device reliability. The thermal resistance and power dissipation ratings are measured under
board mounted and still air conditions. Ambient temperature (TA) is 25°C, unless otherwise specified.
AUTOMOTIVE GRADE
 
PQFN 5X6 mm
G
D
S
Gate
Drain
Source
Applications
 Injection
 Heavy Loads
 DC-DC Converter
Parameter
Max.
Units
VDS
Drain-to-Source Voltage
75
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
14
A
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
12
ID @ TC(Bottom) = 25°C
Continuous Drain Current, VGS @ 10V
75
ID @ TC(Bottom) = 100°C
Continuous Drain Current, VGS @ 10V
53
IDM
Pulsed Drain Current 
300
PD @TA = 25°C
Power Dissipation
4.4
W
PD @TC(Bottom) = 25°C
Power Dissipation
125
Linear Derating Factor
0.029
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy 
123
mJ
IAR
Avalanche Current 
45
A
TJ
Operating Junction and
-55 to + 175
°C  
TSTG
Storage Temperature Range
1
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
April 14, 2014
HEXFET® POWER MOSFET
Features
 Advanced Process Technology
 Ultra Low On-Resistance
 175°C Operating Temperature
 Fast Switching
 Repetitive Avalanche Allowed up to Tjmax
 Lead-Free, RoHS Compliant
 Automotive Qualified *
Description
Specifically designed for Automotive applications, this
HEXFET® Power MOSFET utilizes the latest processing
techniques to achieve extremely low on-resistance per
silicon are. Additional features of this design are a 175°C
junction operating temperature, fast switching speed and
improved repetitive avalanche rating. These features
combine to make this product an extremely efficient and
reliable device for use in Automotive and wide variety of
other applications.


유사한 부품 번호 - AUIRFN7107

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
AUIRFN7107 INFINEON-AUIRFN7107 Datasheet
263Kb / 9P
Advanced Process Technology
2015-10-12
AUIRFN7107TR INFINEON-AUIRFN7107TR Datasheet
263Kb / 9P
Advanced Process Technology
2015-10-12
More results

유사한 설명 - AUIRFN7107

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
Ultra Low On-Resistance
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
Ultra Low On-Resistance
logo
International Rectifier
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
ULTRA LOW ON RESISTANCE
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
Ultra Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com