전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BBY40 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 BBY40
상세설명  VHF variable capacitance diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BBY40 데이터시트(HTML) 2 Page - NXP Semiconductors

  BBY40_15 Datasheet HTML 1Page - NXP Semiconductors BBY40_15 Datasheet HTML 2Page - NXP Semiconductors BBY40_15 Datasheet HTML 3Page - NXP Semiconductors BBY40_15 Datasheet HTML 4Page - NXP Semiconductors BBY40_15 Datasheet HTML 5Page - NXP Semiconductors BBY40_15 Datasheet HTML 6Page - NXP Semiconductors BBY40_15 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1996 May 03
2
NXP Semiconductors
Product specification
VHF variable capacitance diode
BBY40
FEATURES
 Excellent linearity
 Small plastic SMD package
 C25: 4.6 pF; ratio: 5.5.
APPLICATIONS
 Electronic tuning in VHF television
tuners, band A up to 160 MHz.
DESCRIPTION
The BBY40 is a variable capacitance
diode, fabricated in planar
technology, and encapsulated in the
SOT23 small plastic SMD package.
Fig.1 Simplified outline (SOT23), pin configuration and symbol.
handbook, halfpage
21
3
MAM170
2
n.c.
1
3
Marking code: S2.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
ELECTRICAL CHARACTERISTICS
Tj =25 C; unless otherwise specified.
Note
1. VR is the value at which Cd =25pF.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VR
continuous reverse voltage
30
V
IF
continuous forward current
20
mA
Tstg
storage temperature
55
+150
C
Tj
operating junction temperature
55
+125
C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
IR
reverse current
VR =28V; seeFig.3

10
nA
VR =28V; Tj =85 C; see Fig.3

200
nA
rs
diode series resistance
f = 200 MHz; note 1

0.7
Cd
diode capacitance
VR =3 V; f=1MHz; seeFigs2and4
26
32
pF
VR = 25 V; f = 1 MHz; see Figs 2 and 4 4.3
6pF
capacitance ratio
f = 1 MHz
5
6.5
C
d3V

C
d25V

-------------------


유사한 부품 번호 - BBY40_15

제조업체부품명데이터시트상세설명
logo
Quanzhou Jinmei Electro...
BBY40 JMNIC-BBY40_15 Datasheet
35Kb / 4P
   VHF variable capacitance diode
More results

유사한 설명 - BBY40_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BB182LX NXP-BB182LX Datasheet
57Kb / 7P
   VHF variable capacitance diode
Rev. 01-29 January 2009
BB181 NXP-BB181 Datasheet
226Kb / 6P
   VHF variable capacitance diode
Rev. 02-2 January 2008
logo
Quanzhou Jinmei Electro...
BBY40_2015 JMNIC-BBY40_2015 Datasheet
35Kb / 4P
   VHF variable capacitance diode
BB152_2015 JMNIC-BB152_2015 Datasheet
58Kb / 7P
   VHF variable capacitance diode
logo
NXP Semiconductors
BB170 PHILIPS-BB170_15 Datasheet
93Kb / 8P
   VHF variable capacitance diode
Rev. 1-25 March 2013
BB187LX PHILIPS-BB187LX_15 Datasheet
57Kb / 7P
   VHF variable capacitance diode
Rev. 01-19 February 2009
BB173 NXP-BB173 Datasheet
86Kb / 8P
   VHF variable capacitance diode
Rev. 1-25 March 2013
logo
Quanzhou Jinmei Electro...
BB152 JMNIC-BB152_15 Datasheet
58Kb / 7P
   VHF variable capacitance diode
logo
NXP Semiconductors
BB157 PHILIPS-BB157 Datasheet
59Kb / 8P
   VHF variable capacitance diode
2002 Mar 05
BB132 PHILIPS-BB132 Datasheet
54Kb / 8P
   VHF variable capacitance diode
1998 Sep 15
BB148 PHILIPS-BB148 Datasheet
54Kb / 8P
   VHF variable capacitance diode
1998 Sep 15
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com