전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NXPS20H100CX 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 NXPS20H100CX
상세설명  Dual power Schottky diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NXPS20H100CX 데이터시트(HTML) 2 Page - NXP Semiconductors

  NXPS20H100CX_15 Datasheet HTML 1Page - NXP Semiconductors NXPS20H100CX_15 Datasheet HTML 2Page - NXP Semiconductors NXPS20H100CX_15 Datasheet HTML 3Page - NXP Semiconductors NXPS20H100CX_15 Datasheet HTML 4Page - NXP Semiconductors NXPS20H100CX_15 Datasheet HTML 5Page - NXP Semiconductors NXPS20H100CX_15 Datasheet HTML 6Page - NXP Semiconductors NXPS20H100CX_15 Datasheet HTML 7Page - NXP Semiconductors NXPS20H100CX_15 Datasheet HTML 8Page - NXP Semiconductors NXPS20H100CX_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
NXPS20H100CX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 24 May 2012
2 of 11
NXP Semiconductors
NXPS20H100CX
Dual power Schottky diode
2.
Pinning information
3.
Ordering information
4.
Limiting values
Table 2.
Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
A1
anode 1
SOT186A (TO-220F)
2
K
cathode
3
A2
anode 2
mb
n.c.
mb; isolated
3
2
1
mb
sym125
A2
A1
K
Table 3.
Ordering information
Type number
Package
Name
Description
Version
NXPS20H100CX
TO-220F
plastic single-ended package; isolated heatsink mounted;
1 mounting hole; 3-lead TO-220 "full pack"
SOT186A
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VRRM
repetitive peak reverse voltage
-
100
V
IF(AV)
average forward current
square-wave pulse;
δ = 0.5 ; Th ≤ 147 °C;
per diode; see Figure 1; see Figure 2;
see Figure 3
-10
A
IO(AV)
average output current
square-wave pulse;
δ = 0.5 ; Th ≤ 128 °C;
both diodes conducting
-20
A
IFSM
non-repetitive peak forward
current
sine-wave pulse; tp = 10 ms; Tj(init) =25°C;
see Figure 4
-
250
A
Tstg
storage temperature
-65
175
°C
Tj
junction temperature
-
175
°C


유사한 부품 번호 - NXPS20H100CX_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
NXPS20H100C PHILIPS-NXPS20H100C_15 Datasheet
568Kb / 11P
Dual power Schottky diode
Rev. 2-8 June 2012
More results

유사한 설명 - NXPS20H100CX_15

제조업체부품명데이터시트상세설명
logo
IXYS Corporation
FSS100-008A IXYS-FSS100-008A Datasheet
75Kb / 2P
Dual Power Schottky Diode
logo
NXP Semiconductors
NXPS20H100C PHILIPS-NXPS20H100C_15 Datasheet
568Kb / 11P
Dual power Schottky diode
Rev. 2-8 June 2012
NXPS20H110C PHILIPS-NXPS20H110C_15 Datasheet
565Kb / 11P
Dual power Schottky diode
Rev. 2-24 May 2012
NXPS20S100CX PHILIPS-NXPS20S100CX_15 Datasheet
201Kb / 10P
Dual power Schottky diode
30 January 2013
NXPS20S100C PHILIPS-NXPS20S100C_15 Datasheet
200Kb / 9P
Dual power Schottky diode
30 January 2013
logo
WeEn Semiconductors
WNS20S100CX WEEN-WNS20S100CX Datasheet
257Kb / 11P
Dual power Schottky diode
WNS30H100C WEEN-WNS30H100C Datasheet
1Mb / 11P
Dual power Schottky diode
WNS30H100CB WEEN-WNS30H100CB Datasheet
258Kb / 11P
Dual power Schottky diode
WNS40H100CB WEEN-WNS40H100CB Datasheet
257Kb / 11P
Dual power Schottky diode
WNS40100C WEEN-WNS40100C Datasheet
1Mb / 11P
Dual power Schottky diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com