전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NXPS20H110C 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 NXPS20H110C
상세설명  Dual power Schottky diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NXPS20H110C 데이터시트(HTML) 4 Page - NXP Semiconductors

  NXPS20H110C_15 Datasheet HTML 1Page - NXP Semiconductors NXPS20H110C_15 Datasheet HTML 2Page - NXP Semiconductors NXPS20H110C_15 Datasheet HTML 3Page - NXP Semiconductors NXPS20H110C_15 Datasheet HTML 4Page - NXP Semiconductors NXPS20H110C_15 Datasheet HTML 5Page - NXP Semiconductors NXPS20H110C_15 Datasheet HTML 6Page - NXP Semiconductors NXPS20H110C_15 Datasheet HTML 7Page - NXP Semiconductors NXPS20H110C_15 Datasheet HTML 8Page - NXP Semiconductors NXPS20H110C_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
NXPS20H110C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 24 May 2012
4 of 11
NXP Semiconductors
NXPS20H110C
Dual power Schottky diode
5.
Thermal characteristics
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-mb)
thermal resistance from junction to
mounting base
with heatsink compound; per diode;
see Figure 5
--1.6
K/W
with heatsink compound; both
diodes conducting
--0.9
K/W
Rth(j-a)
thermal resistance from junction to
ambient
in free air
-
60
-
K/W
Fig 5.
Transient thermal impedance from junction to mounting base as a function of pulse width; per diode
003aaj316
10-1
10-2
1
10
Zth(j-mb)
(K/W)
10-3
tp (s)
10-6
1
10
10-1
10-2
10-5
10-3
10-4
tp
tp
T
P
t
T
δ =


유사한 부품 번호 - NXPS20H110C_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
NXPS20H100CX PHILIPS-NXPS20H100CX_15 Datasheet
566Kb / 11P
Dual power Schottky diode
Rev. 2-24 May 2012
NXPS20H100C PHILIPS-NXPS20H100C_15 Datasheet
568Kb / 11P
Dual power Schottky diode
Rev. 2-8 June 2012
More results

유사한 설명 - NXPS20H110C_15

제조업체부품명데이터시트상세설명
logo
IXYS Corporation
FSS100-008A IXYS-FSS100-008A Datasheet
75Kb / 2P
Dual Power Schottky Diode
logo
NXP Semiconductors
NXPS20H100C PHILIPS-NXPS20H100C_15 Datasheet
568Kb / 11P
Dual power Schottky diode
Rev. 2-8 June 2012
NXPS20H100CX PHILIPS-NXPS20H100CX_15 Datasheet
566Kb / 11P
Dual power Schottky diode
Rev. 2-24 May 2012
NXPS20S100CX PHILIPS-NXPS20S100CX_15 Datasheet
201Kb / 10P
Dual power Schottky diode
30 January 2013
NXPS20S100C PHILIPS-NXPS20S100C_15 Datasheet
200Kb / 9P
Dual power Schottky diode
30 January 2013
logo
WeEn Semiconductors
WNS20S100CX WEEN-WNS20S100CX Datasheet
257Kb / 11P
Dual power Schottky diode
WNS30H100C WEEN-WNS30H100C Datasheet
1Mb / 11P
Dual power Schottky diode
WNS30H100CB WEEN-WNS30H100CB Datasheet
258Kb / 11P
Dual power Schottky diode
WNS40H100CB WEEN-WNS40H100CB Datasheet
257Kb / 11P
Dual power Schottky diode
WNS40100C WEEN-WNS40100C Datasheet
1Mb / 11P
Dual power Schottky diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com