전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NXPS20H110C 데이터시트(PDF) 1 Page - NXP Semiconductors

부품명 NXPS20H110C
상세설명  Dual power Schottky diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NXPS20H110C 데이터시트(HTML) 1 Page - NXP Semiconductors

  NXPS20H110C Datasheet HTML 1Page - NXP Semiconductors NXPS20H110C Datasheet HTML 2Page - NXP Semiconductors NXPS20H110C Datasheet HTML 3Page - NXP Semiconductors NXPS20H110C Datasheet HTML 4Page - NXP Semiconductors NXPS20H110C Datasheet HTML 5Page - NXP Semiconductors NXPS20H110C Datasheet HTML 6Page - NXP Semiconductors NXPS20H110C Datasheet HTML 7Page - NXP Semiconductors NXPS20H110C Datasheet HTML 8Page - NXP Semiconductors NXPS20H110C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1.
Product profile
1.1 General description
Dual common cathode power Schottky diode designed for high frequency switched mode
power supplies in a SOT78 (TO-220AB) plastic package.
1.2 Features and benefits
High junction temperature capability
Low leakage current
Negligible switching losses
Optimised design to give low VF and
high Tj(max)
1.3 Applications
DC to DC converters
Freewheeling diode
OR-ing diode
Switched mode power supply rectifier
1.4 Quick reference data
NXPS20H110C
Dual power Schottky diode
Rev. 2 — 24 May 2012
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRRM
repetitive peak reverse voltage
-
-
110
V
IF(AV)
average forward current
square-wave pulse;
δ = 0.5 ;
Tj ≤ 163 °C; per diode; see Figure 1;
see Figure 2; see Figure 3
--10
A
IO(AV)
average output current
square-wave pulse;
δ = 0.5 ;
Tmb ≤ 161 °C; both diodes conducting
--20
A
Tj
junction temperature
-
-
175
°C
Static characteristics
VF
forward voltage
IF =10 A; Tj = 25 °C; see Figure 6
--0.77
V
IF =10 A; Tj = 125 °C; see Figure 6
-
0.59
0.64
V
IR
reverse current
VR =110 V; Tj =25 °C; see Figure 7
-2.5
6
µA
VR =110 V; Tj = 125 °C; see Figure 7
-1.5
6.5
mA


유사한 부품 번호 - NXPS20H110C

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
NXPS20H100CX PHILIPS-NXPS20H100CX_15 Datasheet
566Kb / 11P
Dual power Schottky diode
Rev. 2-24 May 2012
NXPS20H100C PHILIPS-NXPS20H100C_15 Datasheet
568Kb / 11P
Dual power Schottky diode
Rev. 2-8 June 2012
More results

유사한 설명 - NXPS20H110C

제조업체부품명데이터시트상세설명
logo
IXYS Corporation
FSS100-008A IXYS-FSS100-008A Datasheet
75Kb / 2P
Dual Power Schottky Diode
logo
NXP Semiconductors
NXPS20H100C PHILIPS-NXPS20H100C_15 Datasheet
568Kb / 11P
Dual power Schottky diode
Rev. 2-8 June 2012
NXPS20H100CX PHILIPS-NXPS20H100CX_15 Datasheet
566Kb / 11P
Dual power Schottky diode
Rev. 2-24 May 2012
NXPS20S100CX PHILIPS-NXPS20S100CX_15 Datasheet
201Kb / 10P
Dual power Schottky diode
30 January 2013
NXPS20S100C PHILIPS-NXPS20S100C_15 Datasheet
200Kb / 9P
Dual power Schottky diode
30 January 2013
logo
WeEn Semiconductors
WNS20S100CX WEEN-WNS20S100CX Datasheet
257Kb / 11P
Dual power Schottky diode
WNS30H100C WEEN-WNS30H100C Datasheet
1Mb / 11P
Dual power Schottky diode
WNS30H100CB WEEN-WNS30H100CB Datasheet
258Kb / 11P
Dual power Schottky diode
WNS40H100CB WEEN-WNS40H100CB Datasheet
257Kb / 11P
Dual power Schottky diode
WNS40100C WEEN-WNS40100C Datasheet
1Mb / 11P
Dual power Schottky diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com