전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NXPS20S100CX 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 NXPS20S100CX
상세설명  Dual power Schottky diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NXPS20S100CX 데이터시트(HTML) 5 Page - NXP Semiconductors

  NXPS20S100CX_15 Datasheet HTML 1Page - NXP Semiconductors NXPS20S100CX_15 Datasheet HTML 2Page - NXP Semiconductors NXPS20S100CX_15 Datasheet HTML 3Page - NXP Semiconductors NXPS20S100CX_15 Datasheet HTML 4Page - NXP Semiconductors NXPS20S100CX_15 Datasheet HTML 5Page - NXP Semiconductors NXPS20S100CX_15 Datasheet HTML 6Page - NXP Semiconductors NXPS20S100CX_15 Datasheet HTML 7Page - NXP Semiconductors NXPS20S100CX_15 Datasheet HTML 8Page - NXP Semiconductors NXPS20S100CX_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NXP Semiconductors
NXPS20S100CX
Dual power Schottky diode
NXPS20S100CX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
30 January 2013
5 / 10
11. Characteristics
Table 8.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
IF = 3 A; Tj = 25 °C; Fig. 6
-
0.67
0.72
V
IF = 10 A; Tj = 25 °C; Fig. 6
-
0.8
0.85
V
IF = 3 A; Tj = 125 °C; Fig. 6
-
0.53
0.58
V
VF
forward voltage
IF = 10 A; Tj = 125 °C; Fig. 6
-
0.66
0.71
V
VR = 100 V; Tj = 25 °C; Fig. 7
-
-
3
µA
IR
reverse current
VR = 100 V; Tj = 125 °C; Fig. 7
-
-
3
mA
Dynamic characteristics
Cd
diode capacitance
f = 1 MHz; VR = 10 V; Tj = 25 °C; Fig. 8
-
130
-
pF
VF (V)
0
1
0.8
0.4
0.6
0.2
003aak788
8
12
4
16
20
IF
(A)
0
(1)
(2)
(3)
Fig. 6. Forward current as a function of forward
voltage; per diode
003aak789
10
10-1
1
103
102
104
IR
(uA)
10-2
VR (V)
0
100
80
40
60
20
(1)
(2)
(3)
(4)
Fig. 7. Reverse leakage current as a function of
reverse voltage; per diode; typical values


유사한 부품 번호 - NXPS20S100CX_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
NXPS20S100C PHILIPS-NXPS20S100C_15 Datasheet
200Kb / 9P
Dual power Schottky diode
30 January 2013
More results

유사한 설명 - NXPS20S100CX_15

제조업체부품명데이터시트상세설명
logo
IXYS Corporation
FSS100-008A IXYS-FSS100-008A Datasheet
75Kb / 2P
Dual Power Schottky Diode
logo
NXP Semiconductors
NXPS20H100C PHILIPS-NXPS20H100C_15 Datasheet
568Kb / 11P
Dual power Schottky diode
Rev. 2-8 June 2012
NXPS20H100CX PHILIPS-NXPS20H100CX_15 Datasheet
566Kb / 11P
Dual power Schottky diode
Rev. 2-24 May 2012
NXPS20H110C PHILIPS-NXPS20H110C_15 Datasheet
565Kb / 11P
Dual power Schottky diode
Rev. 2-24 May 2012
NXPS20S100C PHILIPS-NXPS20S100C_15 Datasheet
200Kb / 9P
Dual power Schottky diode
30 January 2013
logo
WeEn Semiconductors
WNS20S100CX WEEN-WNS20S100CX Datasheet
257Kb / 11P
Dual power Schottky diode
WNS30H100C WEEN-WNS30H100C Datasheet
1Mb / 11P
Dual power Schottky diode
WNS30H100CB WEEN-WNS30H100CB Datasheet
258Kb / 11P
Dual power Schottky diode
WNS40H100CB WEEN-WNS40H100CB Datasheet
257Kb / 11P
Dual power Schottky diode
WNS40100C WEEN-WNS40100C Datasheet
1Mb / 11P
Dual power Schottky diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com