전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NXPS20S100CX 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 NXPS20S100CX
상세설명  Dual power Schottky diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NXPS20S100CX 데이터시트(HTML) 2 Page - NXP Semiconductors

  NXPS20S100CX_15 Datasheet HTML 1Page - NXP Semiconductors NXPS20S100CX_15 Datasheet HTML 2Page - NXP Semiconductors NXPS20S100CX_15 Datasheet HTML 3Page - NXP Semiconductors NXPS20S100CX_15 Datasheet HTML 4Page - NXP Semiconductors NXPS20S100CX_15 Datasheet HTML 5Page - NXP Semiconductors NXPS20S100CX_15 Datasheet HTML 6Page - NXP Semiconductors NXPS20S100CX_15 Datasheet HTML 7Page - NXP Semiconductors NXPS20S100CX_15 Datasheet HTML 8Page - NXP Semiconductors NXPS20S100CX_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NXP Semiconductors
NXPS20S100CX
Dual power Schottky diode
NXPS20S100CX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
30 January 2013
2 / 10
5. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
A1
anode 1
2
K
cathode
3
A2
anode 2
mb
n.c.
mb; isolated
3
2
1
mb
TO-220F (SOT186A)
sym125
A2
A1
K
6. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
NXPS20S100CX
TO-220F
plastic single-ended package; isolated heatsink mounted; 1
mounting hole; 3-lead TO-220 "full pack"
SOT186A
7. Marking
Table 4.
Marking codes
Type number
Marking code
NXPS20S100CX
NXPS20S100CX
8. Limiting values
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VRRM
repetitive peak reverse voltage
-
100
V
IF(AV)
average forward current
δ = 0.5 ; Th ≤ 134 °C; square-wave
pulse; per diode; Fig. 1; Fig. 2; Fig. 3
-
10
A
IO(AV)
average output current
δ = 0.5 ; square-wave pulse; both
diodes conducting
-
20
A
IFSM
non-repetitive peak forward
current
tp = 10 ms; Tj(init) = 25 °C; sine-wave
pulse; Fig. 4
-
150
A


유사한 부품 번호 - NXPS20S100CX_15

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
NXPS20S100C PHILIPS-NXPS20S100C_15 Datasheet
200Kb / 9P
Dual power Schottky diode
30 January 2013
More results

유사한 설명 - NXPS20S100CX_15

제조업체부품명데이터시트상세설명
logo
IXYS Corporation
FSS100-008A IXYS-FSS100-008A Datasheet
75Kb / 2P
Dual Power Schottky Diode
logo
NXP Semiconductors
NXPS20H100C PHILIPS-NXPS20H100C_15 Datasheet
568Kb / 11P
Dual power Schottky diode
Rev. 2-8 June 2012
NXPS20H100CX PHILIPS-NXPS20H100CX_15 Datasheet
566Kb / 11P
Dual power Schottky diode
Rev. 2-24 May 2012
NXPS20H110C PHILIPS-NXPS20H110C_15 Datasheet
565Kb / 11P
Dual power Schottky diode
Rev. 2-24 May 2012
NXPS20S100C PHILIPS-NXPS20S100C_15 Datasheet
200Kb / 9P
Dual power Schottky diode
30 January 2013
logo
WeEn Semiconductors
WNS20S100CX WEEN-WNS20S100CX Datasheet
257Kb / 11P
Dual power Schottky diode
WNS30H100C WEEN-WNS30H100C Datasheet
1Mb / 11P
Dual power Schottky diode
WNS30H100CB WEEN-WNS30H100CB Datasheet
258Kb / 11P
Dual power Schottky diode
WNS40H100CB WEEN-WNS40H100CB Datasheet
257Kb / 11P
Dual power Schottky diode
WNS40100C WEEN-WNS40100C Datasheet
1Mb / 11P
Dual power Schottky diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com